Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P80CL31 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # P80CL31
Description  Low voltage 8-bit microcontrollers with UART
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CL31 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P80CL31 Datasheet HTML 14Page - NXP Semiconductors P80CL31 Datasheet HTML 15Page - NXP Semiconductors P80CL31 Datasheet HTML 16Page - NXP Semiconductors P80CL31 Datasheet HTML 17Page - NXP Semiconductors P80CL31 Datasheet HTML 18Page - NXP Semiconductors P80CL31 Datasheet HTML 19Page - NXP Semiconductors P80CL31 Datasheet HTML 20Page - NXP Semiconductors P80CL31 Datasheet HTML 21Page - NXP Semiconductors P80CL31 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
1997 Apr 15
18
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART
P80CL31; P80CL51
12.3
Wake-up from Power-down mode
When in Power-down mode the controller can be
woken-up with either the external interrupts INT2 to INT9,
or a reset operation. The wake-up operation has two basic
approaches as explained in Section 12.3.1; 12.3.2 and
illustrated in Fig.10.
12.3.1
WAKE-UP USING INT2 TO INT9
If any of the interrupts INT2 to INT9 are enabled, the
device can be woken-up from the Power-down mode with
the external interrupts. To ensure that the oscillator is
stable before the controller restarts, the internal clock will
remain inactive for 1536 oscillator periods. This is
controlled by an on-chip delay counter.
12.3.2
WAKE-UP USING RST
To wake-up the P80CLx1, the RST pin must be kept HIGH
for a minimum of 24 periods. The on-chip delay counter is
inactive. The user must ensure that the oscillator is stable
before any operation is attempted.
12.4
Power Control Register (PCON)
See Tables 2 and 3. Idle and Power-down modes are
activated by software using this SFR. PCON is not
bit-addressable.
12.5
Status of external pins
The status of the external pins during Idle and Power-down
mode is shown in Table 4. If the Power-down mode is
activated whilst accessing external Program Memory, the
port data that is held in the Special Function Register P2 is
restored to Port 2.
If the data is a logic 1, the port pin is held HIGH during the
Power-down mode by the strong pull-up transistor ‘p1’;
see Fig.8(a).
Table 2
Power Control Register (address 87H)
Table 3
Description of PCON bits
Table 4
Status of external pins during Idle and Power-down modes
7
6
543210
SMOD
−−
−
GF1
GF0
PD
IDL
BIT
SYMBOL
DESCRIPTION
7
SMOD
Double Baud rate bit; see description of UART
6, 5, 4
−
reserved
3 and 2
GF1 and GF0 General purpose flag bits
1PD
Power-down bit; setting this bit activates the Power-down mode
0
IDL
Idle mode bit; setting this bit activates the Idle mode
MODE
MEMORY
ALE
PSEN
PORT 0
PORT 1
PORT 2
PORT 3
PORT 4
Idle
internal
1
1
port data
port data
port data
port data
port data
external
1
1
floating
port data
address
port data
port data
Power-down
internal
0
0
port data
port data
port data
port data
port data
external
0
0
floating
port data
port data
port data
port data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com