Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P80CL51 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P80CL51
Description  Low voltage 8-bit microcontrollers with UART
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CL51 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P80CL51 Datasheet HTML 35Page - NXP Semiconductors P80CL51 Datasheet HTML 36Page - NXP Semiconductors P80CL51 Datasheet HTML 37Page - NXP Semiconductors P80CL51 Datasheet HTML 38Page - NXP Semiconductors P80CL51 Datasheet HTML 39Page - NXP Semiconductors P80CL51 Datasheet HTML 40Page - NXP Semiconductors P80CL51 Datasheet HTML 41Page - NXP Semiconductors P80CL51 Datasheet HTML 42Page - NXP Semiconductors P80CL51 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
1997 Apr 15
39
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART
P80CL31; P80CL51
Table 24 Oscillator type selection guide
Note
1. 32 kHz quartz crystals with a series resistance >15 k
Ω will reduce the guaranteed supply voltage range to
2.5 to 3.5 V.
RESONATOR
FREQUENCY
(MHz)
OPTION
(see Table 23)
C1 EXT. (pF)
C2 EXT. (pF)
RESONATOR MAX.
SERIES RESISTANCE
MIN.
MAX.
MIN.
MAX.
Quartz
0.032
Oscillator 1
0
0
5
15
15 k
Ω(1)
1.0
Oscillator 2
0
30
0
30
600
Ω
3.58
0
15
0
15
100
Ω
4.0
0
20
0
20
75
Ω
6.0
Oscillator 3
0
10
0
10
60
Ω
10.0
Oscillator 4
0
15
0
15
60
Ω
12.0
0
10
0
10
40
Ω
16.0
0
15
0
15
20
Ω
PXE
0.455
Oscillator 2
40
50
40
50
10
Ω
1.0
15
50
15
50
100
Ω
3.58
0
40
0
40
10
Ω
4.0
0
40
0
40
10
Ω
6.0
0
20
0
20
5
Ω
10.0
Oscillator 3
0
15
0
15
6
Ω
12.0
Oscillator 4
10
40
10
40
6
Ω
LC
−
Oscillator 2
20
90
20
90
10
µH=1 Ω
100
µH=5 Ω
1 mH = 75
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com