Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83CL410 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P83CL410
Description  Low voltage 8-bit microcontrollers with I2C-bus
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL410 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P83CL410 Datasheet HTML 17Page - NXP Semiconductors P83CL410 Datasheet HTML 18Page - NXP Semiconductors P83CL410 Datasheet HTML 19Page - NXP Semiconductors P83CL410 Datasheet HTML 20Page - NXP Semiconductors P83CL410 Datasheet HTML 21Page - NXP Semiconductors P83CL410 Datasheet HTML 22Page - NXP Semiconductors P83CL410 Datasheet HTML 23Page - NXP Semiconductors P83CL410 Datasheet HTML 24Page - NXP Semiconductors P83CL410 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
1997 Apr 10
21
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
I2C-bus
P80CL410; P83CL410
Table 7
Selection of the serial clock frequency SCL in a Master mode of operation
13.2
Serial Status Register (S1STA)
S1STA is a read-only register. The contents of this register may be used as a vector to a service routine. This optimizes
the response time of the software and consequently that of the I2C-bus. The status codes for all possible modes of the
I2C-bus interface are given in Tables 10 to 14.
Table 8
Serial Status Register (address D9H)
Table 9
Description of S1STA bits
Table 10 MST/TRX mode
CR2
CR1
CR0
fosc DIVISOR
BIT RATE (kHz) at fosc
3.58 MHz
6 MHz
12 MHz
0
0
0
256
14.0
23.4
46.9
0
0
1
224
16.0
26.8
53.6
0
1
0
192
18.6
31.3
62.5
0
1
1
160
22.4
37.5
75.0
1
0
0
960
3.73
6.25
12.5
1
0
1
120
29.8
50.0
100.0
1
1
0
60
59.7
100.0
−
1
1
1
not allowed
−−−
76543210
SC4
SC3
SC2
SC1
SC0
0
0
0
BIT
SYMBOL
DESCRIPTION
3 to 7
SC4 to SC0
5-bit status code
0 to 2
−
these three bits are always zero
S1STA VALUE
DESCRIPTION
08H
a START condition has been transmitted
10H
a repeated START condition has been transmitted
18H
SLA and W have been transmitted, ACK has been received
20H
SLA and W have been transmitted, ACK received
28H
DATA of S1DAT has been transmitted, ACK received
30H
DATA of S1DAT has been transmitted, ACK received
38H
arbitration lost in SLA, R/W or DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com