Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC12AC Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # TC12AC
Description  Max. output 24VDC, 10A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC12AC Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  TC12AC Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TC12AC Datasheet HTML 7Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Standard Dimensions
(mm)
Drawing
99.2
128.7
99.2
94.2
94.2
100
100
88.1
80.4
88.1
80.4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com