Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP8 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TP8
Description  Operational temperature range 5°C~45°C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TP8 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TP8 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TP8 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TP8 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TP8 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TP8 Ordering Key
TP8
Version: 20220209-F
Color
1 = Black
2 = Pantone 428C
Plug
1 = EU
2 = USA
3 = AUS
4 = UK
1 = Straight, 2000; DIN 5P Female
2 = Straight, 2000; 01P Female
3 = Straight, 4000; DIN 5P Female
4 = Straight, 4000; 01P Female
5 = Curly cable, 1450 (Curly cable length 250); DIN 5P
Female
6 = Curly cable, 1450 (Curly cable length 250); 01P Female
IP Rating
1 = Without
2 = IP54
4 = IP66
Cable Length and
Connector (mm)
See page 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com