Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP9 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TP9
Description  Max. output 36V DC, 2A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TP9 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TP9 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TP9 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TP9 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Product Segments
• Care Motion
TP9
series
General Features
Transformer type
SMPS
Input voltage
100~240V AC
Max. output
36V DC, 2A
Plug support
EU, USA, AUS, UK, JPN
Color
Black or grey
IP rating
IP66
Certificate
IEC60601-1-2, IEC60601-1, ES60601-1, PSE


Similar Part No. - TP9

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
TP901C2 FUJI-TP901C2 Datasheet
91Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
TP901C3 FUJI-TP901C3 Datasheet
100Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
TP902C2 FUJI-TP902C2 Datasheet
88Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
TP902C3 FUJI-TP902C3 Datasheet
91Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
logo
Transphorm Inc
TP90H050WS TRANSPHORM-TP90H050WS Datasheet
1Mb / 12P
900V Cascode GaN FET in TO-247 (source tab)
More results

Similar Description - TP9

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8023 LINER-LTM8023 Datasheet
243Kb / 20P
2A, 36V DC/DC 關Module
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
logo
Rohm
BD623X-E ROHM-BD623X-E Datasheet
662Kb / 25P
DC Brush Motor Drivers (36V max.)
BD62321HFP-TR ROHM-BD62321HFP-TR Datasheet
506Kb / 16P
DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
DC Brush Motor Drivers (36V max.)
logo
Linear Technology
LTM8023 LINER-LTM8023_15 Datasheet
760Kb / 24P
2A, 36V DC/DC Step-Down Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
EN55022B Compliant 36V, 2A DC/DC Module Regulator
logo
ELM Electronics
ELM650DA ELM-ELM650DA Datasheet
1Mb / 10P
CC/CV Mode 36V step down 2A DC/DC converter
logo
RICOH electronics devic...
R1515 RICOH-R1515 Datasheet
207Kb / 14P
Input Voltage Max. 36V
April 1, 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com