Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83CL782 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P83CL782
Description  Low voltage 8-bit microcontrollers with UART and I2C-bus
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL782 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P83CL782 Datasheet HTML 9Page - NXP Semiconductors P83CL782 Datasheet HTML 10Page - NXP Semiconductors P83CL782 Datasheet HTML 11Page - NXP Semiconductors P83CL782 Datasheet HTML 12Page - NXP Semiconductors P83CL782 Datasheet HTML 13Page - NXP Semiconductors P83CL782 Datasheet HTML 14Page - NXP Semiconductors P83CL782 Datasheet HTML 15Page - NXP Semiconductors P83CL782 Datasheet HTML 16Page - NXP Semiconductors P83CL782 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
1997 Mar 14
13
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART and I2C-bus
P83CL781; P83CL782
Access to memory addressing is as follows:
• Registers in one of the four register banks through
register, direct or register-indirect
• 256 bytes of internal data RAM through direct or
register-indirect
• Special Function Registers through direct
• External Data Memory through register-indirect
• Program Memory look-up tables through base-register
plus index-register-indirect.
The P83CL78x is classified as an 8-bit device since the
internal ROM, RAM, Special Function Registers,
Arithmetic Logic Unit and external data bus are all 8-bits
wide. It performs operations on bit, nibble, byte and
double-byte data types.
Facilities are available for byte transfer, logic and integer
arithmetic operations. Data transfer, logic and conditional
branch operations can be performed directly on Boolean
variables to provide excellent bit handling.
Fig.6 Memory map.
handbook, full pagewidth
MLA605
INTERNAL
DATA RAM
255
127
0
EXTERNAL
(EA = 0)
INTERNAL
(EA = 1)
INTERNAL DATA MEMORY
EXTERNAL
DATA MEMORY
PROGRAM MEMORY
EXTERNAL
64 kbytes
64 kbytes
16 kbytes
16 kbytes
OVERLAPPED SPACE
0
16 kbytes
SPECIAL
FUNCTION
REGISTERS
(INDIRECT
ONLY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com