Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM5234/IBP/YYY Datasheet(PDF) 2 Page - NXP Semiconductors

Part # OM5234/IBP/YYY
Description  CMOS single-chip 8-bit microcontrollers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM5234/IBP/YYY Datasheet(HTML) 2 Page - NXP Semiconductors

  OM5234/IBP/YYY Datasheet HTML 1Page - NXP Semiconductors OM5234/IBP/YYY Datasheet HTML 2Page - NXP Semiconductors OM5234/IBP/YYY Datasheet HTML 3Page - NXP Semiconductors OM5234/IBP/YYY Datasheet HTML 4Page - NXP Semiconductors OM5234/IBP/YYY Datasheet HTML 5Page - NXP Semiconductors OM5234/IBP/YYY Datasheet HTML 6Page - NXP Semiconductors OM5234/IBP/YYY Datasheet HTML 7Page - NXP Semiconductors OM5234/IBP/YYY Datasheet HTML 8Page - NXP Semiconductors OM5234/IBP/YYY Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Preliminary specification
OM5234/OM5284
CMOS single-chip 8-bit microcontrollers
2
1996 Nov 01
DESCRIPTION
The OM5234 and OM5284 single-chip 8-bit microcontrollers are
manufactured in an advanced CMOS process and are derivatives of
the 80C51 microcontroller family. The OM5234 and OM5284 are
pre-programmed devices for specific applications. Unless
specifically stated otherwise, all references to OM5234 apply equally
to OM5284.
The OM5234 contains a non-volatile 16k
× 8 read-only program
memory, a volatile 256
× 8 read/write data memory, four 8-bit I/O
ports, two 16-bit timer/event counters (identical to the timers of the
80C51), a multi-source, two-priority-level, nested interrupt structure,
UART and on-chip oscillator and timing circuits.
FEATURES
• 80C51 central processing unit
• 6k × 8 ROM
• 256 × 8 RAM
• Two standard 16-bit timer/counters
• Four 8-bit I/O ports
• Full-duplex UART facilities
• Power control modes
– Idle mode
– Power-down mode
• ROM code protection
ORDERING INFORMATION
OM5234
F T P
Device
OM5234
ROM code for application
5XX, etc.
Frequency Range
F = 3.5 to 16MHz
I = 3.5 to 24MHz
Package designator
A = Plastic Leaded Chip Carrier
B = Plastic Quad Flat Package
P = Plastic Dual In-Line Package
OM5284 X Y ZZ
Device
OM5284
ROM code for application
01, 02, 03
Frequency Range
E = 3.5 to 16MHz
I = 3.5 to 24MHz
Package designator
A = Plastic Leaded Chip Carier
B = Plastic Quad Flat Package
P = Plastic Dual In-Line Package
/ YYY
Temperature Range
B = 0 to 70
°C
/
PART NUMBER
TEMPERATURE RANGE
°C
AND PACKAGE
FREQUENCY
(MHz)
DRAWING
NUMBER
OM5234/FBB/YYY
0 to 70
°C, Plastic Quad Flat Package
16
SOT307-2
OM5234/FBP/YYY
0 to 70
°C, Plastic Dual In-Line Package
16
SOT129-1
OM5234/FBA/YYY
0 to 70
°C, Plastic Leaded Chip Carrier
16
SOT187-2
OM5284EBYY
0 to 70
°C, Plastic Quad Flat Package
16
SOT307-2
OM5284EAYY
0 to 70
°C, Plastic Leaded Chip Carrier
16
SOT187-2
OM5284EPYY
0 to 70
°C, Plastic Dual In-Line Package
16
SOT129-1
LOGIC SYMBOL
ADDRESS AND
DATA BUS
ADDRESS BUS
VSS
VCC
RST
XTAL1
XTAL2
EA
ALE
PSEN
RxD
TxD
INT0
INT1
T0
T1
WR
RD
SU00800



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com