Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL014PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLL014PBF
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL014PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLL014PBF Datasheet HTML 1Page - International Rectifier IRLL014PBF Datasheet HTML 2Page - International Rectifier IRLL014PBF Datasheet HTML 3Page - International Rectifier IRLL014PBF Datasheet HTML 4Page - International Rectifier IRLL014PBF Datasheet HTML 5Page - International Rectifier IRLL014PBF Datasheet HTML 6Page - International Rectifier IRLL014PBF Datasheet HTML 7Page - International Rectifier IRLL014PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
ID @ Tc = 25°C
Continuous Drain Current, VGS @ 10 V
2.7
ID @ Tc = 100°C
Continuous Drain Current, VGS @ 10 V
1.7
IDM
Pulsed Drain Current

22
PD @Tc = 25°C
Power Dissipation
3.1
PD @TA = 25°C
Power Dissipation (PCB Mount)**
2.0
W
Linear Derating Factor
0.025
Linear Derating Factor (PCB Mount)**
0.017
W/°C
VGS
Gate-to-Source Voltage
-/+10
V
EAS
Single Pulse Avalanche Energy
‚
100
mJ
IAR
Avalanche Current

2.7
A
EAR
Repetitive Avalanche Energy

0.31
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.5
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
IRLL014PbF
HEXFET® Power MOSFET
PD - 95387
S
D
G
VDSS = 60V
RDS(on) = 0.20Ω
ID = 2.7A
Third Generation HEXFETs from International Rectifier
provide the designer with the best combination of fast
switching, ruggedized device design, low on-resistance
and cost-effectiveness.
The SOT-223 package is designed for surface-mount using
vapor phase, infra red, or wave soldering techniques. Its
unique package design allows for easy automatic pick-and-
place as with other SOT or SOIC packages but has the
added advantage of improved thermal performance due to
an enlarged tab for heatsinking. Power dissipation of
grreater than 1.25W is possible in a typical surface mount
application.
06/10/04
Description
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Logic-Level Gate Drive
l RDS(on) Specified at VGS=4V & 5V
l Fast Switching
l Ease of Paralleling
l Lead-Free
SOT-223
** When mounted on 1'' SQUARE pcb (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer to application note #AN-994.
Parameter
Typ.
Max.
Units
RθJC
Junction-to-PCB
–––
40
RθJA
Junction-to-Ambient. (PCB Mount)**
–––
60
Thermal Resistance
°C/W
Absolute Maximum Ratings
A
www.irf.com
1
Soldewring Temperature, for 10 seconds
300 (1.6mm from case)
°C


Similar Part No. - IRLL014PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRLL014PBF VISHAY-IRLL014PBF Datasheet
959Kb / 8P
Power MOSFET
07-Jul-08
IRLL014PBF VISHAY-IRLL014PBF Datasheet
174Kb / 9P
Power MOSFET
31-May-10
More results

Similar Description - IRLL014PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com