Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C552 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # P87C552
Description  80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C552 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P87C552 Datasheet HTML 14Page - NXP Semiconductors P87C552 Datasheet HTML 15Page - NXP Semiconductors P87C552 Datasheet HTML 16Page - NXP Semiconductors P87C552 Datasheet HTML 17Page - NXP Semiconductors P87C552 Datasheet HTML 18Page - NXP Semiconductors P87C552 Datasheet HTML 19Page - NXP Semiconductors P87C552 Datasheet HTML 20Page - NXP Semiconductors P87C552 Datasheet HTML 21Page - NXP Semiconductors P87C552 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
Philips Semiconductors
Preliminary specification
P87C552
80C51 8-bit microcontroller
8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, low voltage (2.7V–5.5V), low power
1999 Mar 30
18
CTP0
BIT
SYMBOL
CAPTURE/INTERRUPT ON:
CTCON.7
CTN3
Capture Register 3 triggered by a falling edge on CT3I
CTCON.6
CTP3
Capture Register 3 triggered by a rising edge on CT3I
CTCON.5
CTN2
Capture Register 2 triggered by a falling edge on CT2I
CTCON.4
CTP2
Capture Register 2 triggered by a rising edge on CT2I
CTCON.3
CTN1
Capture Register 1 triggered by a falling edge on CT1I
CTCON.2
CTP1
Capture Register 1 triggered by a rising edge on CT1I
CTCON.1
CTN0
Capture Register 0 triggered by a falling edge on CT0I
CTCON.0
CTP0
Capture Register 0 triggered by a rising edge on CT0I
SU01085
CTN1
CTP1
CTN1
CTP2
CTN2
CTP3
CTN3
0
1
2
3
4
5
6
7
(LSB)
(MSB)
CTCON (EBH)
Reset Value = 00H
Figure 13.
Capture Control Register (CTCON)
When a match with CM1 occurs, the controller resets bits 0-5 of port
4 if the corresponding bits of the reset/toggle enable register RTE
are at logic 1 (see Figure 14 for RTE register function). If RTE is “0”,
then P4.n is not affected by a match between CM1 or CM2 and
Timer 2. When a match with CM2 occurs, the controller “toggles”
bits 6 and 7 of port 4 if the corresponding bits of the RTE are at
logic 1. The port latches of bits 6 and 7 are not toggled.
Two additional flip-flops store the last operation, and it is these
flip-flops that are toggled.
Thus, if the current operation is “set,” the next operation will be
“reset” even if the port latch is reset by software before the “reset”
operation occurs. The first “toggle” after a chip RESET will set the
port latch. The contents of these two flip-flops can be read at STE.6
and STE.7 (corresponding to P4.6 and P4.7, respectively). Bits
STE.6 and STE.7 are read only (see Figure 15 for STE register
function). A logic 1 indicates that the next toggle will set the port
latch; a logic 0 indicates that the next toggle will reset the port latch.
CM0, CM1, and CM2 are reset by the RST signal.
The modified port latch information appears at the port pin during
S5P1 of the cycle following the cycle in which a match occurred. If
the port is modified by software, the outputs change during S1P1 of
the following cycle. Each port 4 bit can be set or reset by software at
any time. A hardware modification resulting from a comparator
match takes precedence over a software modification in the same
cycle. When the comparator results require a “set” and a “reset” at
the same time, the port latch will be reset.
Timer T2 Interrupt Flag Register TM2IR: Eight of the nine Timer
T2 interrupt flags are located in special function register TM2IR (see
Figure 16). The ninth flag is TM2CON.4.
The CT0I and CT1I flags are set during S4 of the cycle in which the
contents of Timer T2 are captured. CT0I is scanned by the interrupt
logic during S2, and CT1I is scanned during S3. CT2I and CT3I are
set during S6 and are scanned during S4 and S5. The associated
interrupt requests are recognized during the following cycle. If these
flags are polled, a transition at CT0I or CT1I will be recognized one
cycle before a transition on CT2I or CT3I since registers are read
during S5. The CMI0, CMI1, and CMI2 flags are set during S6 of the
cycle following a match. CMI0 is scanned by the interrupt logic
during S2; CMI1 and CMI2 are scanned during S3 and S4. A match
will be recognized by the interrupt logic (or by polling the flags) two
cycles after the match takes place.
The 16-bit overflow flag (T2OV) and the byte overflow flag (T2BO)
are set during S6 of the cycle in which the overflow occurs. These
flags are recognized by the interrupt logic during the next cycle.
Special function register IP1 (Figure 16) is used to determine the
Timer T2 interrupt priority. Setting a bit high gives that function a
high priority, and setting a bit low gives the function a low priority.
The functions controlled by the various bits of the IP1 register are
shown in Figure 16.
RP40
BIT
SYMBOL
FUNCTION
RTE.7
TP47
If “1” then P4.7 toggles on a match between CM1 and Timer T2
RTE.6
TP46
If “1” then P4.6 toggles on a match between CM1 and Timer T2
RTE.5
RP45
If “1” then P4.5 is reset on a match between CM1 and Timer T2
RTE.4
RP44
If “1” then P4.4 is reset on a match between CM1 and Timer T2
RTE.3
RP43
If “1” then P4.3 is reset on a match between CM1 and Timer T2
RTE.2
RP42
If “1” then P4.2 is reset on a match between CM1 and Timer T2
RTE.1
RP41
If “1” then P4.1 is reset on a match between CM1 and Timer T2
RTE.0
RP40
If “1” then P4.0 is reset on a match between CM1 and Timer T2
SU01086
RO41
RP42
RP43
RP44
RP45
TP46
TP47
0
1
2
3
4
5
6
7
(LSB)
(MSB)
RTE (EFH)
Reset Value = 00H
Figure 14.
Reset/Toggle Enable Register (RTE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com