Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063AT/A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF85063AT/A
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT/A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF85063AT/A Datasheet HTML 1Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 2Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 3Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 4Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 5Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 6Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 7Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 8Page - NXP Semiconductors PCF85063AT/A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Package
Type number
Topside
marking
Name
Description
Version
PCF85063ATL
063A
DFN2626-10 plastic thermal enhanced extremely thin small outline package; no
leads;
10 terminals; body 2.6 × 2.6 × 0.5 mm
SOT1197-1
PCF85063ATT
063A
TSSOP8
plastic thin shrink small outline package; 8 leads; body width 3 mm SOT505-1
Table 1. Ordering information...continued
4.1 Ordering options
Type number
Orderable part
number
Package
Packing method [1]
Minimum order
quantity
Temperature
PCF85063AT/AY
SO8
REEL 13" Q1 DP
2500
Tamb = -40 °C to +85 °C
PCF85063AT/A
PCF85063AT/AAZ
SO8
REEL 7" Q1 DP
1000
Tamb = -40 °C to +85 °C
PCF85063ATL/1 PCF85063ATL/1,118
DFN2626-10
REEL 13" Q1 NDP
4000
Tamb = -40 °C to +85 °C
PCF85063ATT/A PCF85063ATT/AJ
TSSOP8
REEL 13" Q1 NDP
2500
Tamb = -40 °C to +85 °C
Table 2. Ordering options
[1]
Standard packing quantities and other packaging data are available at www.nxp.com/packages/.
5 Block diagram
aaa-004429
PCF85063A
CLKOUT
CLKOE
OSCO
VDD
VSS
SDA
SCL
OSCI
INT
DIVIDER
32 kHz
OSCILLATOR
POWER-ON
RESET
l2C-BUS
INTERFACE
CLOCK OUT
INTERRUPT
CONTROL
REAL-TIME
CLOCK
SYSTEM
CONTROL
ALARM AND
TIMER
CONTROL
CLOCK
CALIBRATION
OFFSET
Figure 1. Block diagram of PCF85063A
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
2 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com