Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JEV Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # JEV
Description  85oC Standard, High Temperature Reflow Soldering.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

JEV Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  JEV Datasheet HTML 1Page - RUBYCON CORPORATION JEV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(mm)
8
10
10.5
10.5
8.3
10.3
8.3
10.3
2.9
3.2
3.1
4.5
φD
4
5
L
5.5
5.5
A1
4.3
5.3
B1
4.3
5.3
C
1.8
2.2
W1
P
1.0
1.3
6.3
5.5
6.6
6.6
2.7
1.8
6.3
8
6.6
6.6
2.7
0.8
∼1.1
0.8
∼1.1
0.5
∼0.8
0.5
∼0.8
0.5
∼0.8
0.5
∼0.8
1.8
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
190
380
700
71
43
25
30
58
200
95
17
48
105
18
54
60
145
680
175
330
71
46
29
43
380
680
290
330
670
560
300
570
480
280
86
50
60
30
39
25
18
18
22
30
35
48
240
280
320
500
14
8.4
1.0
2.0
2.8
4.0
385
6.3
× 8
8
× 10.5
10
× 10.5
6.3
× 5.5
5
× 5.5
4
× 5.5
5
× 5.5
6.3
× 5.5
8
× 10.5
6.3
× 8
4
× 5.5
6.3
× 5.5
6.3
× 8
4
× 5.5
6.3
× 5.5
6.3
× 5.5
6.3
× 8
10
× 10.5
6.3
× 8
8
× 10.5
6.3
× 5.5
5
× 5.5
4
× 5.5
5
× 5.5
8
× 10.5
10
× 10.5
8
× 10.5
8
× 10.5
10
× 10.5
8
× 10.5
10
× 10.5
10
× 10.5
8
× 10.5
10
× 10.5
6.3
× 5.5
5
× 5.5
6.3
× 5.5
4
× 5.5
5
× 5.5
4
× 5.5
4
× 5.5
4
× 5.5
5
× 5.5
5
× 5.5
6.3
× 5.5
6.3
× 5.5
8
× 10.5
10
× 10.5
8
× 10.5
10
× 10.5
4
× 5.5
4
× 5.5
4
× 5.5
4
× 5.5
4
× 5.5
4
× 5.5
8
× 10.5
10
× 10.5
690
JEV
6.3
(0J)
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
10
(1A)
16
(1C)
25
(1E)
35
(1V)
50
(1H)
WV(V.DC)
LMAX
0.3MAX
A1
0.2
W1
0.5MAX
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
STANDARD SIZE, RATED RIPPLE CURRENT
DIMENSIONS
+
-
Size
φD×L(mm), Ripple Current (mA r.m.s./85°C, 120Hz)
Cap(
µF)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com