Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JGV Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # JGV
Description  105oC Long Life, High Temperature Reflow Soldering.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

JGV Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  JGV Datasheet HTML 1Page - RUBYCON CORPORATION JGV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(mm)
0.1
1.0
0.22
2.6
0.33
3.2
0.47
4.0
1
8.0
2.2
11
3.3
14
4.7
19
10
35
22
33
140
47
167
180
100
220
330
470
1000
230
315
180
305
450
55
28
15
39
28
320
355
450
180
65
290
440
185
70
26
29
71
121
43
71
111
210
440
195
46
210
495
79
76
67
320
460
JGV
8
10
10.5
10.5
8.3
10.3
8.3
10.3
2.9
3.2
3.1
4.5
4
5
L
6.1
6.1
A1
4.3
5.3
B1
4.3
5.3
C
1.8
2.2
W1
P
1.0
1.3
6.3
6.1
6.6
6.6
2.7
1.8
6.3
8
6.6
6.6
2.7
0.8
∼1.1
0.8
∼1.1
φD
0.5
∼0.8
0.5
∼0.8
0.5
∼0.8
0.5
∼0.8
1.8
490
4
× 6.1
4
× 6.1
4
× 6.1
4
× 6.1
4
× 6.1
4
× 6.1
4
× 6.1
5
× 6.1
6.3
× 6.1
8
× 10.5
8
× 10.5
10
× 10.5
8
× 10.5
10
× 10.5
8
× 10.5
10
× 10.5
6.3
× 6.1
5
× 6.1
4
× 6.1
5
× 6.1
4
× 6.1
8
× 10.5
10
× 10.5
10
× 10.5
8
× 10.5
6.3
× 6.1
8
× 10.5
10
× 10.5
8
× 10.5
6.3
× 6.1
4
× 6.1
4
× 6.1
6.3
× 6.1
6.3
× 8
5
× 6.1
6.3
× 6.1
6.3
× 8
8
× 10.5
10
× 10.5
8
× 10.5
5
× 6.1
8
× 10.5
10
× 10.5
10
× 10.5
6.3
× 8
6.3
× 8
6.3
× 8
8
× 10.5
10
× 10.5
10
× 10.5
6.3
(0J)
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
10
(1A)
16
(1C)
25
(1E)
35
(1V)
50
(1H)
WV(V.DC)
Cap(
µF)
L MAX
0.3MAX
A1
0.2
W1
0.5MAX
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
DIMENSIONS
STANDARD SIZE, RATED RIPPLE CURRENT
+
-
Size
φD×L(mm), Ripple Current (mA r.m.s./105°C, 120Hz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com