Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2880 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N2880
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2880 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N2880 Datasheet HTML 1Page - Microsemi Corporation 2N2880 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2880, 2N3749 JAN SERIES
ELECTRICAL CHARACTERISTICS (Con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
Forward-Current Transfer Ratio
IC = 50 mAdc, VCE = 5.0 Vdc
IC = 1.0 Adc, VCE = 2.0 Vdc
IC = 5.0 Adc, VCE = 5.0 Vdc
hFE
40
40
15
120
120
Base-Emitter Voltage Non-Saturated
VCE = 2.0 Adc, IC =1.0 Adc
VBE
1.2
Vdc
Collector-Emitter Saturation Voltage
IC = 1.0 Adc, IB = 0.1 Adc
IC = 5.0 Adc, IB = 0.5 Adc
VCE(sat)
0.25
1.5
Vdc
Base-Emitter Saturation Voltage
IC = 1.0 Adc, IB = 0.1 Adc
VBE(sat)
1.2
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 1.0 Adc, VCE = 10 Vdc, f = 10 MHz
⏐h
fe
3.0
12
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 50 mAdc, VCE = 5.0 Vdc, f = 1 kHz
hfe
40
140
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 ≤ f ≤ 1.0 MHz
Cobo
150
pF
SAFE OPERATING AREA
DC Tests
TC = 100
0C, t = 10 s
Test 1
VCE = 80 Vdc, IC = 80 mAdc
Test 2
VCE = 20 Vdc, IC = 1.5 Adc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
111604
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com