Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS41 Datasheet(PDF) 2 Page - Vaisala

Part # AS41
Description  AUTOSONDE AS41
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

AS41 Datasheet(HTML) 2 Page - Vaisala

  AS41 Datasheet HTML 1Page - Vaisala AS41 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data
AUTOSONDE AS41
Loading capacity
60 radiosondes
Storage capacity for consumables
4 months (2 soundings a day)
Radiosonde
• RS41-SG, RS41-SGE
• RS41-SGP, RS41-SGPE
Sounding workstation
• Sounding system software
preinstalled
• Windowsâ operating system
preinstalled
• AUTOSONDE Control software
preinstalled
• System recovery tools, including
USB drive with recovery image
Vaisala Sounding Processing
Subsystem
SPS311G
Antennas
Telemetry antenna (directional UHF)
GPS antenna
Automatic ground check device
RI41-AS41
Uninterrupted power supply
Options for 1 hour and 3 hours
Surface observation options
• AWS310, sensors on separate
10‑meter mast, complies with
WMO CIMO guide 8
• WXT536, sensors on short mast
attached to the container
Remote monitoring computer
Vaisala Observation Network Manager
software NM10
Preinstalled
Operating system
Windows operating system
preinstalled
Minimum system requirements
See NM10 datasheet for details.
Electrical specifications
Main electric cabinet
Located inside the container
Includes surge protectors, circuit
breakers, residual current devices,
mechanics controller, safety
controller, servo drives, and frequency
controllers.
Mechanics controller
Industry standard programmable
logic controller with analog and
digital I/O and electric motor controls.
Input voltage and frequency tolerance
±10 %
Input power options
• 400 V AC 50 Hz 20 A, 3‑phase
• 230 V AC 50 Hz 25 A, 1‑phase
• 120 / 240 V AC 60 Hz 25 A, 1‑phase
(for North American installations)
Maximum power consumption
5500 W
Average power consumption
Under 1000 W
Cabling
Halogen‑free
Wall sockets
Integrated in the operator desk
Lights
Ceiling light with presence detector
Remotely controlled robotics room
lights
Heater
1000 W with thermostat
Air conditioner with heating
functionality
2000 W
Mechanical specifications
Container
Dimensions during transportation
(L × W × H)
6058 × 2438 × 2896 mm
Transports as CSC-approved 20‑feet
HC sea container
Dimensions during operational use
(L × W × H)
8000 × 3300 × 5200 mm
Dimensions of access door with
window (L × H)
900 × 2100 mm
Total weight with launcher vessel
7.5 t
Launcher vessel
Vessel tube dimensions
Ø 2 m
Vessel frame material
Acid‑proof steel frame
Separate from the container
Covers
2 pieces, operated by electric
gearmotors
Cover dimensions
Ø 2 m, inside
Cover material
Laminated fiberglass
Gas flow measurement
Gas flow measurement unit
• Installed on the container roof
• 2 flexible input gas hoses
controlled by magnetic valves
• Connection to gas regulator
• Output hose to nozzle controlled
by magnetic valves
Gas flow meter
With electrical current output
Maintenance-free, no moving parts
Automatic measurement of gas
amount
Balloon
Balloon size
200–1200 g
Balloon filling gas
Hydrogen or helium
Nozzle
Connected to the balloon during
loading
Gas-proof connection
Operating environment
Operating temperature
−40 ... +53 °C (−40 … +127 °F)
Operating humidity
0–100 %RH, condensing
Maximum operating wind speed
25 m/s
Surviving wind speed
60 m/s
Storage temperature (short-term)
−40 … +53 °C (−40 … +127 °F)
Storage humidity
0–100 %RH, condensing
Compliance
Explosive atmospheres
Part 14: Electrical installations design,
selection and erection
IEC 60079-14 (2013), IEC 60079-10-1
(2015)
Machine safety
Machinery Directive 2006/42/EC
Compliance marks
CE
Published by Vaisala | B211636EN-E © Vaisala Oyj 2023
All rights reserved. Any logos and/or product names are trademarks of Vaisala or its individual partners.
Any reproduction, transfer, distribution or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to change without notice.
www.vaisala.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com