Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASAP Datasheet(PDF) 2 Page - Vaisala

Part # ASAP
Description  Vaisala ASAP Sounding Station
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

ASAP Datasheet(HTML) 2 Page - Vaisala

  ASAP Datasheet HTML 1Page - Vaisala ASAP Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
Vaisala DigiCORAâ Sounding System MW41
Sounding Workstation
Ruggedized laptop delivered by Vaisala, including pre-installed DigiCORA
Sounding Software, system recovery tools including USB drive with recovery
image, and optional Edgeport serial extension.
Operating system
Windows, pre-installed
Ground check device
Uninterruptible Power Supply (UPS)
Vaisala Sounding Processing Subsystem SPS311
Windprofiling options
Code correlating GPS
Antenna
Antenna options
Directional UHF antenna
Omnidirectional UHF antenna
GPS antenna
Antenna stand
Acid proof (AISI316), fitting for
container roof installation
Options
Vaisala Automatic Surface Weather Observing System
ASAP Launcher ALS211
Mechanical Specifications
Dimensions
2991 x 2438 x 2591 mm (l x w x h)
Gross weight without gas bottles
2400 kg
Interior is insulated with fireproof mineral wool and paneled with fibre cement
flat sheets
Rack for electrical equipments
AISI304
Electricity
Power consumption
4.2 kW without transformer option
6 kVA (1-phase with transformer
option)
6 kVA (3-phase with transformer
option)
Nominal input voltages
230/400 VAC, 3-phase; or 230 VAC 1-
phase
Optional input voltages (with
transformer option):
220/380/400/440 VAC, 3-phase or 1-
phase
Supply frequency
50/60 Hz for 60 Hz supply; air
conditioner should be selected
correspondingly
Lights
2 x 9 W ceiling lights
Heating
2 x 750 W radiators
Air conditioner
Launcher Vessel
Material
Fiberglass
Balloon size
350 - 500 g
Control
Controlled by pneumatic actuators
Launch door
Stainless steel
Options
Compressor and pressurized air tank
Main transformer with volt meter
3-phase 6 kVA or
1-phase 6 kVA
Storage cabinet
1030 x 500 x 2000 mm
OR gas bottle rack
8 gas bottles
Filling gas regulator
Ladder steps 6 pcs
Published by Vaisala | B210462EN-E © Vaisala 2017
All rights reserved. Any logos and/or product names are trademarks of
Vaisala or its individual partners. Any reproduction, transfer, distribution
or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to
change without notice.
www.vaisala.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com