Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD70 Datasheet(PDF) 2 Page - Vaisala

Part # FD70
Description  Forward Scatter Sensor FD70
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

FD70 Datasheet(HTML) 2 Page - Vaisala

  FD70 Datasheet HTML 1Page - Vaisala FD70 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data
Visibility (MOR) measurement
Reporting range
1 m … 100 km (3 ft … 62 mi)
Reporting resolution
1 m (3 ft)
Reporting uncertainty in operational
conditions
±10 % or ±1 m at 1 m … 10 km
(±3 ft at 3 ft … 6.2 mi) 1)
±20 % at 10 … 100 km (6.2 … 62 mi)
Measurement error
±0.7 %
1)
Fulfills ICAO Annex 3: ±50 m (164 ft) up to 600 m (1968 ft).
Present weather reporting (optional)
Present weather identification
Drizzle, rain, snow, snow grains,
ice crystals, ice pellets,
freezing rain / drizzle, snow pellets,
hail, fog / freezing fog, mist, haze
Weather codes
SYNOP: WMO table 4680
METAR: WMO table 4678
NWS codes
Light, moderate, and heavy intensities
Precipitation measurement (optional)
Precipitation Intensity
Sensitivity
Single droplet Ø
≧ 0.1 mm (0.004 in)
Reporting range
0.01 … 999.99 mm/h
(0.0004 … 40 in/h) liquid water
equivalent (LWE)
Reporting resolution
0.01 mm/h (0.0004 in/h)
Minimum intensity
0.01 mm/h (0.0004 in/h)
Precipitation accumulation
Reporting range
0 … 999.99 mm (0 … 40 in) liquid
water accumulation (LWA)
Reporting resolution and uncertainty 1) 0.01 mm (0.0004 in), ±2.2 %
Reporting range, snow height
0 … 9999 mm (0 … 32 ft 9 in)
Reporting resolution, snow height
1 mm (0.04 in)
Additional precipitation reporting
Droplet size / fall speed distribution
41 size classes, 26 speed classes
Size / speed measuring range
Ø 0.1 … 35 mm (0.004 … 1.38 in)
0 … 10+ m/s (0 … 32.8+ ft/s)
Radar reflectivity
−9.9 … 99.9 dBZ
Kinetic energy
0.000 … 999.999 J/m2 × h
1)
Proven under laboratory conditions.
Compatibility
System compatibility
Vaisala AviMetâ
Backwards compatibility
Vaisala FD12(P), FS11(P), PWD Series
Measurement specifications
Operating principle
Look-down forward scatter
Scattering angle (main receiver)
42° ±0.25°
Scattering angle (side receiver)
90° ±0.25°
Light source
Near-infrared
Sampling frequency
5 MHz
Measurement cycle
5 s
Mechanical specifications
Material, measurement unit
Aluminum
Material, interface unit
Maritime-grade aluminum
(EN AW-5754)
Coating
Multi-layer coating to prevent
environmental corrosion
Dimensions, measurement unit
354 × 551 × 883 mm
(13.94 × 21.69 × 34.76 in)
Weight, measurement unit
Max. 7.5 kg (16.5 lb)
Dimensions, interface unit with
radiation shield
885 × 380 × 320 mm
(34.84 × 14.96 × 12.60 in)
Weight, interface unit with electronics
Max. 25 kg (55.1 lb)
Inputs and outputs
Operating voltage
Measurement unit with interface unit:
115/230 V AC ±10 %, 50 … 60 Hz
Measurement unit only: 10 … 50 V DC
Heating voltage
24 V AC or V DC ±10 %
Power consumption, typical
Measurement unit with interface unit,
all options: 245 W
Measurement unit: 10.0 W / 24 V
Measurement unit, heating: 180 W
(at 60 W per hood)
Backup battery (optional)
12 V 2.6 Ah
External inputs
Vaisala HUMICAPâ Humidity and
Temperature Probe HMP155
Vaisala Background Luminance
Sensor LM21
Data communication options
10/100 Mbps Ethernet
RS-232, RS-485
Leased-line modem DXL421
UHF/VHF radio modem
Operating environment
IP rating
IP66
Operating temperature
−40 … +65 °C (−40 … +149 °F)
Operating temperature, extended
(optional)
−55 … +65 °C (−67 ... +149 °F)
Storage temperature
−55 … +65 °C (−67 ... +149 °F),
non‑condensing environment
Operating humidity
0 … 100 %RH
Wind speed
Up to 60 m/s (134 mph)
Compliance
EU directives
EMC, LVD, RoHS
Environmental
IEC 60068‑2‑1, 2, 6, 14, 30, 31, 52, 78
IEC 60529, VDA 621‑415
IEC/EN 63000
Eye safety
Class 1M IEC / EN 60825‑1:2014
Electrical safety
IEC/EN/UL/CSA 61010‑1
EMC compliance
EN 61326‑1, industrial environment
CISPR 32 / EN 55032, Class B
Published by Vaisala | B211744EN-G © Vaisala Oyj 2021
www.vaisala.com
All rights reserved. Any logos and/or product names are trademarks of Vaisala or its individual partners.
Any reproduction, transfer, distribution or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com