Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS11 Datasheet(PDF) 2 Page - Vaisala

Part # FS11
Description  Visibility Sensor FS11
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

FS11 Datasheet(HTML) 2 Page - Vaisala

  FS11 Datasheet HTML 1Page - Vaisala FS11 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
Measurement Performance
Measurement range of MOR
5 ... 75 000 m (16 ft ... 46.6 mi)
with 1, 3, and 10 min averaging
Accuracy
±10 % range 5 ... 10 000 m
(16 ft … 6.2 mi)
±20 % range 10 000 ... 75 000 m
(6.2 … 46.6 mi)
Scatter measurement accuracy
±3 %
Optical Specifications
Operating principle
Forward scatter measurement
Scattering angle
42°
Light source
Near-infrared LED
Operating Environment
Operating temperature
−40 ... +65 °C (−40 ... +149 °F),
−55 ... +65 °C (−67 ... +149 °F)
(optional)
Operating humidity
0 ... 100 %
Wind speed
Up to 60 m/s (134 mph)
Inputs and Outputs
AC (mains) power supply
100/115/230 VAC ±10 %, 50 ... 60 Hz
Power consumption
Max. 300 VA (60 VA + 240 VA
defrosting heaters)
Battery backup option
Battery 2 Ah, typical backup time
30 min at 25 °C (77 °F) and 5 min at
−40 °C (−40 °F)
Outputs
Serial data line RS-232 or opto-
isolated RS-485 (2-wire) or optional
data modem
Separate maintenance line RS-232
+12 VDC max. 0.8 A output for option
powering
Mechanical Specifications
Dimensions (H × W × D)
2.8 × 0.9 × 1.0 m (9.19 × 2.95 × 3.28 ft)
Weight without mast
37 kg (81.57 lb)
Weight, including Frangible Mast
FSFM250
52 kg (115 lb)
IP rating
IP66
Mast
Frangible and hinged glass fiber mast
Spare Parts and Accessories
Calibration set
FSA11
Background luminance sensor
LM21
Battery backup
FSB101
Modem for long distance
communication (> 1 km / 0.6 mi)
DMX501
Obstruction light
FS11OBS
Compliance
EMC Compliance
Radiated emissions
EN55022
Radiated susceptibility
IEC 61000-4-3, 10 V/m
Conducted emissions
EN55022
Conducted susceptibility
IEC 61000-4-6
EFT immunity
IEC 61000-4-4
ESD immunity
IEC 61000-4-2
Surge
IEC 61000-4-5
Harmonics to the AC (mains) grid
IEC 61000-3-2
Published by Vaisala | B210244EN-F © Vaisala 2018
All rights reserved. Any logos and/or product names are trademarks of
Vaisala or its individual partners. Any reproduction, transfer, distribution
or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to
change without notice.
www.vaisala.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com