Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG13 Datasheet(PDF) 2 Page - Vaisala

Part # RG13
Description  Rain Gauge RG13, RG13H
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

RG13 Datasheet(HTML) 2 Page - Vaisala

  RG13 Datasheet HTML 1Page - Vaisala RG13 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
Measurement Performance
Precipitation
Liquid
Accuracy
2 % at 1 l/h (0.26 gal/h)
Diameter of aperture
225 mm (8.86 in)
Area of aperture
400 cm2 (62 in2)
with expander unit: 1000 cm2
(155 in2)
Rainfall capacity
Unlimited
Resolution
Standard: 0.2 mm (0.008 in)
Optional tipping mechanism: 0.1 mm
(0.004 in)
Optional tipping mechanism: 0.5 mm
(0.02 in)
Closure time
< 100 ms (for 0.2 mm / 0.008 in of
rain)
Operating Environment
Operating temperature
RG13: +1 ... +85 °C (+33.8 ... +185 °F)
RG13H: -20 ... +85 °C (-4 ... +185 °F)
Storage temperature
-40 ... +85 °C (-40 ... +185 °F)
Heating 1)
Heating connection/disconnection at
+4 °C
Heating power
RG13H: 33W / 48 VDC
RG13J: 33W / 24 VDC
1)
Heating is available in RG13H
Mechanical Specifications
Dimensions (H × Ø)
338 × 248 mm (13.31 × 9.76 in)
Weight
2.6 kg (5.73 lb)
Material
Base, septum ring
Aluminum alloy LM25
Outer ring, funnel
Aluminum alloy sheet
Inlet/outlet ports, pins
Stainless steel
Tipping mechanism
Injection moulded plastic
Transducer
Reed switch
Output
Circuit
Contact closure
Connection
Screw terminal
Life (operations)
108 closures
Published by Vaisala | B010195EN-G © 2022
All rights reserved. Any logos and/or product names are trademarks of Vaisala or its individual partners.
Any reproduction, transfer, distribution or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com