Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDT102-W5VT Datasheet(PDF) 2 Page - Vaisala

Part # PDT102-W5VT
Description  Differential Pressure Transmitter PDT102
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

PDT102-W5VT Datasheet(HTML) 2 Page - Vaisala

  PDT102-W5VT Datasheet HTML 1Page - Vaisala PDT102-W5VT Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data
Measurement performance
Measurement ranges (bidirectional)
±50 Pa
±0.25 in H2O
Accuracy 1)
0.25 % span or 0.5 % span,
depending on choice
Repeatability for 0.25 % span accuracy 0.03 %
Repeatability for 0.5 % span accuracy
0.05 %
Electrical resolution
1 x 10-4 span
Long-term stability
≤
0.5 % span/year
Response time (10 … 90 %)
250 ms
Warm-up time
15 s
Compensated temperature range
+2 … +57 °C
(+35.6 … +134.6 °F)
Temperature dependence
±(0.036 Pa + 0.036 % of reading) / °C
or ±(0.0001 in H2O +
0.02 % of reading) / °F
(reference 21 °C or 70 °F)
Pressure type
Differential, gauge, vacuum and
compound
Overpressure
Proof pressure
Burst pressure
Static pressure
0.7 bar
1.7 bar
1.7 bar
Mounting position
Error (zero adjustable)
≤
0.25 %
Adjustments (front accessible)
Zero
Span
±5 % span
±3 % span
1)
Incl. non-linearity, hysteresis, repeatability and zero/span calibration settings.
Inputs and outputs
Process connection
1/8 NPT female according to ANSI/
ASME B1.20.1
Operating voltage
12 … 36 V DC
Max. loop resistance for 4 … 20 mA
≤
(Supply voltage - 12V)/0.022 A
Electrical connection
Screw terminals, 12 … 22 AWG
(0.33 up to 3.31 mm2)
Output signal
2-wire
3-wire
4 … 20 mA
0 … 5 V
Supply current
For 0 … 5 V output
For 4 … 20 mA output
Max. 10 mA
Max. 20 mA
Mechanical specifications
Medium (measured gas)
Clean and dry air, non-conducting and
non-corrosive gases
Mounting
DIN rail types EN 50022, EN 50035
and EN 50045
Weight
0.16 kg
Material
Process connection
Sensor element
Case
Brass
Silicon, aluminum, glass
Polycarbonate, glass filled (UL94-V-1)
Operating environment
Operating temperature
−29 … +70 °C (−20.2 … +158 °F)
Storage temperature
−40 … +82 °C (−40 … +179.6 °F)
IP rating
IP30
Note: If used in an electromagnetic field of 3 V/m, with narrow frequency area of 80 - 120 MHz, it is
possible that the current output of PDT102 can deviate max. 0.3 % (with accuracy specified 0.25 %)
Compliance
EU directives
EMC
EMC compatibility
EN 61326‑1, basic immunity test
requirements
Compliance marks
CE, RCM
125.99
22.6
99.6
80.8
mm
PDT102 transmitter dimensions
134.4
22.6
99.6
80.8
mm
PDT102 dimensions with process valve actuator and test
jacks
Order information for PDT102
Published by Vaisala | B211083EN-F © Vaisala 2021
All rights reserved. Any logos and/or product names are trademarks of Vaisala or its individual partners.
Any reproduction, transfer, distribution or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to change without notice.
www.vaisala.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com