Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5682 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5682
Description  NPN POWER TRANSISTOR SILICON AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5682 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5682 Datasheet HTML 1Page - Microsemi Corporation 2N5682 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN POWER TRANSISTOR SILICON AMPLIFIER
Qualified per MIL-PRF-19500/583
Devices
Qualified Level
2N5681
2N5682
JAN
JANTX
JANTXV
MAXIMUM RATINGS (TA = 25°°C unless otherwise noted)
Ratings
Symbol
2N5681
2N5682
Units
Collector-Emitter Voltage
VCEO
100
120
Vdc
Collector-Base Voltage
VCBO
100
120
Vdc
Emitter-Base Voltage
VEBO
4.0
4.0
Vdc
Collector Current
IC
1.0
1.0
Adc
Base Current
IB
0.5
0.5
Adc
Total Power Dissipation
@ TA = +25
0C(1)
@ TC = +25
0C(2)
PT
1.0
10
1.0
10
W
W
Operating & Storage Temperature Range
Top, Tstg
-65 to +200
-65 to +200
°C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
17.5
0C
1) Derate linearly 5.7 mW/
0C for TA > +250C
2) Derate linearly 57 mW/
0C for TC > +250C
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
2N5681
2N5682
V(BR)CEO
100
120
Vdc
Emitter-Base Cutoff Current
VEB = 4.0 Vdc
IEBO
1.0
µAdc
Collector-Emitter Cutoff Current
VCE = 70 Vdc
2N5681
VCE = 80 Vdc
2N5682
ICEO
10
µAdc
Collector-Emitter Cutoff Current
VBE = 1.5 Vdc
VCE = 100 Vdc
2N5681
VCE = 120 Vdc
2N5682
ICEX
100
nAdc
Collector-Baser Cutoff Current
VCE = 100 Vdc
2N5681
VCE = 120 Vdc
2N5682
ICBO
100
nAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2
TO-39*
(TO-205AD)


Similar Part No. - 2N5682

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5682 STMICROELECTRONICS-2N5682 Datasheet
67Kb / 4P
SILICON NPN TRANSISTORS
July 1997
logo
Seme LAB
2N5682 SEME-LAB-2N5682 Datasheet
22Kb / 2P
NPN SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N5682 BOCA-2N5682 Datasheet
43Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Central Semiconductor C...
2N5682 CENTRAL-2N5682 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5682 ETC-2N5682 Datasheet
347Kb / 8P
Power Transistors
More results

Similar Description - 2N5682

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE194 NTE-NTE194 Datasheet
22Kb / 2P
Silicon NPN Transistor Audio Power Amplifier
NTE265 NTE-NTE265 Datasheet
23Kb / 2P
Silicon NPN Transistor Darlington Power Amplifier
NTE266 NTE-NTE266 Datasheet
22Kb / 2P
Silicon NPN Transistor Darlington Power Amplifier
logo
AUK corp
2SC5342 AUK-2SC5342 Datasheet
221Kb / 4P
NPN Silicon Transistor (Medium power amplifier)
2SC5342M AUK-2SC5342M Datasheet
216Kb / 4P
NPN Silicon Transistor (Medium power amplifier)
2SC5342S AUK-2SC5342S Datasheet
212Kb / 4P
NPN Silicon Transistor (Medium power amplifier)
2SC5342SF AUK-2SC5342SF Datasheet
212Kb / 4P
NPN Silicon Transistor (Medium power amplifier)
2SC5342U AUK-2SC5342U Datasheet
212Kb / 4P
NPN Silicon Transistor (Medium power amplifier)
logo
Microsemi Corporation
2N4234 MICROSEMI-2N4234 Datasheet
56Kb / 2P
NPN POWER AMPLIFIER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N4234 NJSEMI-2N4234 Datasheet
79Kb / 2P
NPN POWER AMPLIFIER SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com