Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-2MTS-50 Datasheet(PDF) 4 Page - Mini-Circuits

Part # RC-2MTS-50
Description  Millimeter Wave Switch Matrix
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RC-2MTS-50 Datasheet(HTML) 4 Page - Mini-Circuits

  RC-2MTS-50 Datasheet HTML 1Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 2Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 3Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 4Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 5Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 6Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 7Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Millimeter Wave Switch Matrix
USB & ETHERNET CONTROLLED
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 4 OF 7
RC-2MTS-50
50Ω
DC to 50 GHz
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0
5
10
15
20
25
30
35
40
45
50
Frequency (GHz)
Insertion Loss
J1 <> J2
(State 1)
J4 <> J3
(State 1)
J1 <> J3
(State 2)
J4 <> J2
(State 2)
-160
-140
-120
-100
-80
-60
-40
-20
0
0
5
10
15
20
25
30
35
40
45
50
Frequency (GHz)
Isolation (Disconnected Paths)
J1 - J2
(State 2)
J1- J3
(State 1)
J2 - J4
(State 1)
J3 - J4
(State 2)
-70
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
30
35
40
45
50
Frequency (GHz)
Return Loss
J1
J2
J3
J4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com