Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6341 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N6341
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6341 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N6341 Datasheet HTML 1Page - Microsemi Corporation 2N6341 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N6338, 2N6341 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 0.5 Adc, VCE = 2.0 Vdc
IC = 10 Adc, VCE = 2.0 Vdc
IC = 25 Adc, VCE = 2.0 Vdc
hFE
40
30
12
120
Collector-Emitter Saturation Voltage
IC = 10 Adc, IB = 1.0 Adc
IC = 25 Adc, IB = 2.5 Adc
VCE(sat)
1.0
1.8
Vdc
Base-Emitter Saturation Voltage
IC = 10 Adc, IB = 1.0 Adc
VBE(sat)
1.8
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 1.0 Adc, VCE = 10 Vdc, f = 10 MHz
h
fe
4.0
12
Output Capacitance
VCB = 10 Vdc, IE = 0, 0.1 MHz ≤ f ≤ 1.0 MHz
Cobo
450
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 80 Vdc; IC = 10 Adc; IB = 1.0 Adc
ton
0.5
µs
Turn-Off Time
VCC = 80 Vdc; IC = 10 Adc; IB1 = IB2 = 1.0 Adc
toff
1.25
µs
Storage Time
VCC = 80 Vdc; IC = 10 Adc; IB1 = IB2 = 1.0 Adc
ts
1.0
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C, 1 Cycle, t = 1.0 s
Test 1
VCE = 8.0 Vdc, IC = 25 Adc
All Types
Test 2
VCE = 14 Vdc, IC = 14 Adc
All Types
Test 3
VCE = 100 Vdc, IC = 100 mAdc
2N6338
VCE = 150 Vdc, IC = 66 mAdc
2N6341
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com