Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDM516 Datasheet(PDF) 1 Page - CUI Devices

Part # CDM516
Description  M5 CABLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CDM516 Datasheet(HTML) 1 Page - CUI Devices

  CDM516 Datasheet HTML 1Page - CUI Devices CDM516 Datasheet HTML 2Page - CUI Devices CDM516 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 12/18/2023
page 1 of 3
SERIES: CDM516 | DESCRIPTION: M5 CABLE
cuidevices.com
FEATURES
• M5 molded female cable connector
• A Code
• straight
• IP67
• 1, 2 & 3 meter length options
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
60
V
rated current
1
A
withstanding voltage
for 1 minute
600
Vac
contact resistance
5
mΩ
insulation resistance
at 500 Vdc for 1 minute
100
MΩ
insertion/withdrawal force
0.3
1.5
kgf
operating temperature
-25
80
°C
life
100
cycles
safety approvals
compliant with IEC61076-2-105
flammability rating
see material table
RoHS
yes
IP level
IP67 (in mated condition)
PART NUMBER KEY
Base Number
CDM516 - XXX - 01FST - XX - 67
No. of Poles:
03A = 3 (A-Coding)
04A = 4 (A-Coding)
Cable Length:
1M = 1 m
2M = 2 m
3M = 3 m
Additional Resources: Product Page


Similar Part No. - CDM516

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CDM510 CUID-CDM510 Datasheet
323Kb / 3P
M5 CONNECTOR
12/18/2023
CDM510-03A-FW-F775-050-67 CUID-CDM510-03A-FW-F775-050-67 Datasheet
323Kb / 3P
M5 CONNECTOR
12/18/2023
CDM510-04A-FW-F775-050-67 CUID-CDM510-04A-FW-F775-050-67 Datasheet
323Kb / 3P
M5 CONNECTOR
12/18/2023
CDM511 CUID-CDM511 Datasheet
318Kb / 3P
M5 CONNECTOR
12/12/2023
CDM511-03A-MW-R505-050-67 CUID-CDM511-03A-MW-R505-050-67 Datasheet
318Kb / 3P
M5 CONNECTOR
12/12/2023
More results

Similar Description - CDM516

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3240019 PHOENIX-3240019 Datasheet
51Kb / 3P
Ring cable lug - C-RCI 1,5/M5
3240024 PHOENIX-3240024 Datasheet
51Kb / 3P
Ring cable lug - C-RCI 2,5/M5
3240219 PHOENIX-3240219 Datasheet
68Kb / 4P
Ring cable lug - C-RCI 10/M5
logo
CUI Devices
CDM513 CUID-CDM513 Datasheet
308Kb / 3P
M5 CABLE
12/18/2023
CDM514 CUID-CDM514 Datasheet
308Kb / 3P
M5 CABLE
12/18/2023
CDM515 CUID-CDM515 Datasheet
311Kb / 3P
M5 CABLE
12/18/2023
CDM517 CUID-CDM517 Datasheet
306Kb / 3P
M5 CABLE
12/18/2023
CDM518 CUID-CDM518 Datasheet
306Kb / 3P
M5 CABLE
12/18/2023
CDM519 CUID-CDM519 Datasheet
307Kb / 3P
M5 CABLE
12/18/2023
CDM520 CUID-CDM520 Datasheet
304Kb / 3P
M5 CABLE
12/18/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com