Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLM Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # BLM
Description  BLM Series Brushless DC Servo Motors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

BLM Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  BLM Datasheet HTML 1Page - Leadshine Technology Co., Ltd. BLM Datasheet HTML 2Page - Leadshine Technology Co., Ltd. BLM Datasheet HTML 3Page - Leadshine Technology Co., Ltd. BLM Datasheet HTML 4Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BLM Series Brushless DC Servo Motors
Low-medium Voltage (24, 36 VDC)
BLM Series
Part Number
BLM Series
General Specifications
04
Frame Size
Dameter
57mm (NEMA23)
Rated Power
Rated Power
25 W, 50 W, 90 W,
130 W, 180 W
180 W
4.1
4.2
* The 57BL180 is a screw mounted model, above rules inapplicable to this model.
Winding connection: △(Delta connection)
Hall Sensor: 120°
Phase: 3
Shaft Radial Play: 0.025 mm
Shaft Axial Play: 0.025 mm@460g
Pole Pairs (-): 2
Allowable radial load:
Allowable axial load:
75N@20mm from the flange
15N
Isolation Level: Class B
Isolation Strength: 500VDC for one minute
Isolation Resistance: 100M ohms
Leadshine's BLM series motors are highly cost-effective brushless DC servo
motors. Rated speed of BLM series motors is 3000 rpm (That of the 57BL180
is 4000 rpm). Standard model includes a 1000-line differential encoder
(EA+/EA-, EB+/EB-), and Hall Sensors with standard Hall signals (U, V, W).
When driven by Leadshine ACS series servo drives, the BLM series motors
can meet requirements of many applications requiring speed from as low as 1
rpm to as high as 4000 rpm. They are able to offer AC-servo-like performance,
such as high speed, high precision, low motor noise and low heating
performance, while at the cost of normal stepping systems. BLM series motors
are flange mounted motors, and mounting is compatible with that of NEMA23
stepper motors. The 57BL180 is a screw mounted motor.
Custom-built or Special Model Number
Blank: Standard
Brushless DC servo motor
Flange size
57:
57 mm
…
Rated power
025: 25W
050: 50W
180: 180W
…
…
BLM
57
025
57mm
Website: www.leadshine.com
Email: sales@leadshine.com
18


Similar Part No. - BLM

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
BLM-142 AEROTECH-BLM-142 Datasheet
634Kb / 6P
Linear Motors
BLM-203 AEROTECH-BLM-203 Datasheet
634Kb / 6P
Linear Motors
BLM-264 AEROTECH-BLM-264 Datasheet
634Kb / 6P
Linear Motors
BLM-325 AEROTECH-BLM-325 Datasheet
634Kb / 6P
Linear Motors
BLM-386 AEROTECH-BLM-386 Datasheet
634Kb / 6P
Linear Motors
More results

Similar Description - BLM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATAVRMC100 ETC2-ATAVRMC100 Datasheet
134Kb / 2P
EVALUATE AND DESIGN BRUSHLESS DC MOTORS APPLICATIONS
logo
Copal Electronics
F455B COPAL-F455B Datasheet
81Kb / 2P
BRUSHLESS DC SIDE FLOW FAN MOTORS
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
AC Servo Motors
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
AC Servo Motors
AS90 MOTIONKING-AS90 Datasheet
156Kb / 2P
AC Servo Motors
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
logo
Toshiba Semiconductor
TC78B015AFTG TOSHIBA-TC78B015AFTG Datasheet
603Kb / 31P
3-phase Driver for Brushless DC Motors
2017-02-01
logo
Leadshine Technology Co...
ELVM LEADSHINE-ELVM Datasheet
735Kb / 3P
ELVM Series Servo Motors
ISV2 LEADSHINE-ISV2 Datasheet
584Kb / 4P
iSV2 Series Integrated Servo Motors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com