Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-M Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # CS-M
Description  CS-M Series Stepper Motor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

CS-M Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  CS-M Datasheet HTML 1Page - Leadshine Technology Co., Ltd. CS-M Datasheet HTML 2Page - Leadshine Technology Co., Ltd. CS-M Datasheet HTML 3Page - Leadshine Technology Co., Ltd. CS-M Datasheet HTML 4Page - Leadshine Technology Co., Ltd. CS-M Datasheet HTML 5Page - Leadshine Technology Co., Ltd. CS-M Datasheet HTML 6Page - Leadshine Technology Co., Ltd. CS-M Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet of CS-M Series
Stepper Motor
www.leadshine.com
1
CS-M Series Stepper Motor
CS-M series closed loop stepper motor
has integrated the CM series stepper motor and encoder, which can provide
large torque, low heat and reliable position feedback signals. CS-M series also includes the types with brake,
waterproof and different resolution. As a result of large-scale automated production lines and strict quality
management system, CS-M series motors are more stable, reliable, superior, consistent and has a lower lost.
Feature
 Full frame range of NEMA 8 ~ NEMA 42
 Abundant motor type including standard type, brake type, waterproof type type, etc.
 Max torque can reach up to 20N.m
 High torque in all speed ranges
 Lower heating
 Lower vibration
 Reliable and stable


Similar Part No. - CS-M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
CS-018 CONNOR-WINFIELD-CS-018 Datasheet
107Kb / 2P
3.2 x 2.5mm SURFACE MOUNT CRYSTAL UNIT
CS-018-114.285M CONNOR-WINFIELD-CS-018-114.285M Datasheet
107Kb / 2P
3.2 x 2.5mm SURFACE MOUNT CRYSTAL UNIT
CS-023 CONNOR-WINFIELD-CS-023 Datasheet
107Kb / 2P
3.2 x 2.5mm SURFACE MOUNT CRYSTAL UNIT
CS-023-114.285M CONNOR-WINFIELD-CS-023-114.285M Datasheet
107Kb / 2P
3.2 x 2.5mm SURFACE MOUNT CRYSTAL UNIT
logo
PREMO CORPORATION S.L
CS-050 PREMO-CS-050 Datasheet
180Kb / 1P
SMD Current Transformer Up to 15A
More results

Similar Description - CS-M

ManufacturerPart #DatasheetDescription
logo
STEPPERONLINE
23HS22-1504S STEPPERONLINE-23HS22-1504S Datasheet
188Kb / 1P
STEPPER MOTOR
17HS19-0406S STEPPERONLINE-17HS19-0406S Datasheet
130Kb / 1P
STEPPER MOTOR
17HS24-0644S STEPPERONLINE-17HS24-0644S Datasheet
139Kb / 1P
STEPPER MOTOR
17HS24-2104D STEPPERONLINE-17HS24-2104D Datasheet
151Kb / 1P
STEPPER MOTOR
23HM20-0384D STEPPERONLINE-23HM20-0384D Datasheet
158Kb / 1P
STEPPER MOTOR
23HR20-2804S STEPPERONLINE-23HR20-2804S Datasheet
146Kb / 1P
STEPPER MOTOR
23HS16-0884S STEPPERONLINE-23HS16-0884S Datasheet
143Kb / 1P
STEPPER MOTOR
23HS16-2804D STEPPERONLINE-23HS16-2804D Datasheet
144Kb / 1P
STEPPER MOTOR
23HS17-1008S STEPPERONLINE-23HS17-1008S Datasheet
151Kb / 1P
STEPPER MOTOR
23HS20-2004S STEPPERONLINE-23HS20-2004S Datasheet
141Kb / 1P
STEPPER MOTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com