Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X5083
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5083 Datasheet(HTML) 2 Page - Intersil Corporation

  X5083 Datasheet HTML 1Page - Intersil Corporation X5083 Datasheet HTML 2Page - Intersil Corporation X5083 Datasheet HTML 3Page - Intersil Corporation X5083 Datasheet HTML 4Page - Intersil Corporation X5083 Datasheet HTML 5Page - Intersil Corporation X5083 Datasheet HTML 6Page - Intersil Corporation X5083 Datasheet HTML 7Page - Intersil Corporation X5083 Datasheet HTML 8Page - Intersil Corporation X5083 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN8127.3
June 15, 2006
Typical Application
Block Diagram
uC
RESET
CS
SCK
SI
SO
WP
VCC
VSS
RESET
SPI
VCC
VSS
X5083
2.7-5.0V
10K
WATCHDOG
TIMER
COMMAND
DECODE &
CONTROL
LOGIC
SI
SO
SCK
CS/WDI
VCC
POR AND LOW
GENERATION
VTRIP
+
-
RESET (X5083)
VOLTAGE RESET
PROTECT LOGIC
8KBITS
EEPROM
WATCHDOG
DETECTOR
WP
ARRAY
STATUS
REGISTER
TRANSITION
RESET
RESET & WATCHDOG
TIMEBASE
X5083
STANDARD VTRIP LEVEL
SUFFIX
4.63V (+/-2.5%)
-4.5A
4.38V (+/-2.5%)
-4.5
2.93V (+/-2.5%)
-2.7A
2.63V (+/-2.5%)
-2.7
See “Ordering Information” on page 3 for
more details
For Custom Settings, call Intersil.
X5083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com