Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP30206NX Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30206NX
Description  USB3.0 B-A FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30206NX Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30206NX Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
www.cliffuk.co.uk
üRoHS
©
05/2020
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
6. Operating Temperature: -20°C to 50°C
3. Contact resistance: 50mΩ max
5. Contacts: Gold Plated
4. Insulation resistance: 20MΩ min
4. Shell: Nickel plated steel
5. Dielectric withstanding voltage: 500V AC
1.Insert: ABS UL94 HB
Material:
2. Plastic Frame: Polyamide UL94 V2
1. Voltage rating: 30V ac
2. Current rating: 1.8 A max
3. Metal Frame: Diecast, Black or Nickel plated
Notes:
CP30206NMB USB3.0 B-A Black metal frame, CSK holes
CP30206NM3B USB3.0 B-A Black metal frame, M3 holes
Part No.
CP30206NM
USB3.0 B-A Nickel plated metal frame, CSK holes
VARIANTS
Please note: Functionality is affected by cable quality, length and
cable wiring configuration.
CP30206N
USB3.0 B-A Black plastic frame, CSK holes
General:
CP30206NM3
USB3.0 B-A Nickel plated metal frame, M3 holes
CP30206NX
USB3.0 B-A Black plastic frame, PLAIN holes
l
Fits standard XLR Ø24mm cutout.
l
Low rear profile
l
Front or rear mounted.
Feedthrough Features
l
No soldering or punch termination. Use standard cable for each connector style.
USB3.0 B-A FEEDTHROUGH CONNECTOR


Similar Part No. - CP30206NX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP30206NM ETC-CP30206NM Datasheet
881Kb / 3P
METAL FEEDTHROUGH CONNECTORS
logo
Electronic Components L...
CP30206NM3B CLIFF-CP30206NM3B Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30206NM3B CLIFF-CP30206NM3B Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30206NMB CLIFF-CP30206NMB Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30206NMB CLIFF-CP30206NMB Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
More results

Similar Description - CP30206NX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
847330003 MOLEX-847330003 Datasheet
148Kb / 1P
USB3.0 TYPE-A RECEPT TO USB3.0 TYPE-A PLUG
2013/08/26
logo
Keystone Electronics Co...
957 KEYSTONE-957 Datasheet
152Kb / 1P
CONN PLUG USB3.0 MICRO USB B SLD
logo
Electronic Components L...
CP30203N CLIFF-CP30203N Datasheet
356Kb / 1P
USB2.0 B-B FEEDTHROUGH CONNECTOR
CP30204N CLIFF-CP30204N Datasheet
315Kb / 1P
USB3.0 B-B FEEDTHROUGH CONNECTOR
CP30205N CLIFF-CP30205N Datasheet
574Kb / 1P
USB3.0 A-A FEEDTHROUGH CONNECTOR
CP30207N CLIFF-CP30207N Datasheet
466Kb / 1P
USB2.0 B-A FEEDTHROUGH CONNECTOR
CP30208N CLIFF-CP30208N Datasheet
533Kb / 1P
USB2.0 A-A FEEDTHROUGH CONNECTOR
05/2020
CP30209N CLIFF-CP30209N Datasheet
469Kb / 1P
USB2.0 A-B FEEDTHROUGH CONNECTOR
05/2020
CP30210N CLIFF-CP30210N Datasheet
491Kb / 1P
USB3.0 A-B FEEDTHROUGH CONNECTOR
05/2020
CP30217 CLIFF-CP30217 Datasheet
264Kb / 1P
TOSLINK FEEDTHROUGH CONNECTOR
05/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com