Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCR72040 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # FCR72040
Description  REWIREABLE 90° SCHUKO PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FCR72040 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  FCR72040 Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
02/2023
.2
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
REWIREABLE 90° SCHUKO PLUG
Rated: 16A. 250VAC
Approvals: VDE / SEMKO
For indoor use only
Part No:
FCR72040 - 90° Schuko plug CEE 7/7, White, 2 pole with earth contact.


Similar Part No. - FCR72040

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
FCR72041 CLIFF-FCR72041 Datasheet
150Kb / 1P
SCHUKO / EURO LEADS
FCR72042 CLIFF-FCR72042 Datasheet
150Kb / 1P
SCHUKO / EURO LEADS
FCR72043 CLIFF-FCR72043 Datasheet
150Kb / 1P
SCHUKO / EURO LEADS
FCR72044 CLIFF-FCR72044 Datasheet
150Kb / 1P
SCHUKO / EURO LEADS
FCR72045 CLIFF-FCR72045 Datasheet
150Kb / 1P
SCHUKO / EURO LEADS
More results

Similar Description - FCR72040

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0106 SCHURTER-0106 Datasheet
398Kb / 3P
IEC Plug I, Cord Connector (Rewireable), Straight
1612 SCHURTER-1612 Datasheet
362Kb / 3P
IEC Plug I, Cord Connector (Rewireable), Straight
4789 SCHURTER-4789 Datasheet
308Kb / 2P
IEC Plug I, Cord Connector (Rewireable), Angled
4796 SCHURTER-4796 Datasheet
332Kb / 2P
IEC Plug I, Cord Connector (Rewireable), Straight
9009 SCHURTER-9009 Datasheet
483Kb / 4P
IEC Plug E, Cord Connector (Rewireable), Straight
4796 SCHURTER-4796_18 Datasheet
279Kb / 3P
IEC Plug I, Cord Connector (Rewireable), Straight
4796_1810 SCHURTER-4796_1810 Datasheet
289Kb / 3P
IEC Plug I, Cord Connector (Rewireable), Straight
4789 SCHURTER-4789_21 Datasheet
277Kb / 3P
IEC Plug I, Cord Connector (Rewireable), Angled
4789 SCHURTER-4789_V01 Datasheet
277Kb / 3P
IEC Plug I, Cord Connector (Rewireable), Angled
10.12.2021
4796 SCHURTER-4796_V01 Datasheet
289Kb / 3P
IEC Plug I, Cord Connector (Rewireable), Straight
10.12.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com