Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF0771M Datasheet(PDF) 2 Page - CUI Devices

Part # GF0771M
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

GF0771M Datasheet(HTML) 2 Page - CUI Devices

  GF0771M Datasheet HTML 1Page - CUI Devices GF0771M Datasheet HTML 2Page - CUI Devices GF0771M Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | MODEL: GF0771M | DESCRIPTION: SPEAKER
date 08/05/2022 | page 2 of 3
cuidevices.com
MECHANICAL DRAWING
RoHS
Fax: 503-372-1266
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-643-4899
800-275-4899
Website: www.cui.com
71.00
3.00
32.00
0.3
24.00
13.00
0.3
REV.
DESCRIPTION
DATE
A
NEW DRAWING
8/8/2006
77.00
Round frame mylar cone - ferrite magnet
COPYRIGHT 2006 BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
GF0771M
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
1:1
GF0771M
REV: A
TOLERANCE:
±0.5mm UNLESS OTHERWISE
SPECIFIED
RoHS
Fax: 503-372-1266
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-643-4899
800-275-4899
Website: www.cui.com
71.00
3.00
32.00
0.3
24.00
13.00
0.3
REV.
DESCRIPTION
DATE
A
NEW DRAWING
8/8/2006
77.00
Round frame mylar cone - ferrite magnet
COPYRIGHT 2006 BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
GF0771M
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
1:1
GF0771M
REV: A
TOLERANCE:
±0.5mm UNLESS OTHERWISE
SPECIFIED
FREQUENCY RESPONSE CURVE
parameter
conditions/description
potentiometer range
50 dB
rectifier
RMS
lower limit frequency
20 Hz
wr. speed
100 mm/sec
zero level
70 dB
units: mm
tolerance: ±0.8 mm
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com