Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF1004M Datasheet(PDF) 1 Page - CUI Devices

Part # GF1004M
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

GF1004M Datasheet(HTML) 1 Page - CUI Devices

  GF1004M Datasheet HTML 1Page - CUI Devices GF1004M Datasheet HTML 2Page - CUI Devices GF1004M Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: GF1004M | DESCRIPTION: SPEAKER
cuidevices.com
FEATURES
• 102.4 mm
• square frame
• 6.0 W
• 8 Ω
• ferrite magnet
• PET cone
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
6.0
10.0
W
impedance
at 0.6 kHz, 1.0 V
6.8
8
9.2
Ω
resonant frequency (Fo)
at 1.0 V
184
230
276
Hz
frequency response
Fo
14,000
Hz
sound pressure level
at 1.0 W, 50 cm, avg at 0.4, 0.5, 0.6, 0.8 kHz
91
93
95
dB
buzz, rattle, etc.
must be normal at sine wave
6.9
V
dimensions
102.4 x 102.4 x 36.5
mm
magnet
ferrite
cone material
PET
terminal
solder eyelets
weight
210.0
g
operating temperature
-25
60
°C
hand soldering
for maximum 5 seconds
400
420
440
°C
RoHS
yes
Additional Resources: Product Page | 3D Model


Similar Part No. - GF1004M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF1004M ETC1-GF1004M Datasheet
90Kb / 2P
102mm, square frame, 6.0W, mylar cone Speaker
logo
CUI INC
GF1004M CUI-GF1004M Datasheet
231Kb / 2P
Square frame mylar cone - ferrite magnet
More results

Similar Description - GF1004M

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com