Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC-300 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RSC-300
Description  Speech Recognition Microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RSC-300 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  RSC-300 Datasheet HTML 1Page - List of Unclassifed Manufacturers RSC-300 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSC-300 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSC-300 Datasheet HTML 4Page - List of Unclassifed Manufacturers RSC-300 Datasheet HTML 5Page - List of Unclassifed Manufacturers RSC-300 Datasheet HTML 6Page - List of Unclassifed Manufacturers RSC-300 Datasheet HTML 7Page - List of Unclassifed Manufacturers RSC-300 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DATA SHEET
RSC-300/364
From the Interactive Speech™ Line of Products
7
TIMING DIAGRAMS
Note that the -RDC signal does not necessarily pulse for every read from code space, but may stay low for multiple cycles.
ADDRESS
-RDD (-RDC)
DATA
-WRC (-WRD)
TRLRH
TRLAV
TRAVDV
TRHDX
TWLWH
ADDRESS
TAVWL
TALRAX
TALWAX
TWDVAV
TWHQX
DATA
External Read Timing
External Write Timing
ABSOLUTE MAXIMUM RATINGS
Any pin to GND
-0.1V to +6.5V
Operating temperature (TO)
0°C to +70°C
Soldering temperature
260°C for 10 sec
Power dissipation
1 W
Operating Conditions
0°C to +70°C;
VDD=2.4 - 5.25V
VSS=0V
WARNING: Stressing the RSC-300/364 beyond the
“Absolute Maximum Ratings” may cause permanent
damage. These are stress ratings only. Operation
beyond
the
“Operating
Conditions”
is
not
recommended and extended exposure beyond the
“Operating
Conditions”
may
affect
device
reliability.
ORDERING INFORMATION
Part
Marketing #
Description
RSC-364 DWF
C364XS1P
Tested die in wafer form
RSC-364 Die
C364XD1B
Tested, singulated die in waffle pack
RSC-364 QFP
C364XT1T
64 pin 10 x 10 x 1.4 mm TQFP
RSC-300 DWF
C300XS1P
Tested die in wafer form
RSC-300 Die
C300XD1B
Tested, singulated die in waffle pack
RSC-300 QFP
C300XT1T
64 pin 10 x 10 x 1.4 mm TQFP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com