Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C528EBA Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P83C528EBA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528EBA Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P83C528EBA Datasheet HTML 17Page - NXP Semiconductors P83C528EBA Datasheet HTML 18Page - NXP Semiconductors P83C528EBA Datasheet HTML 19Page - NXP Semiconductors P83C528EBA Datasheet HTML 20Page - NXP Semiconductors P83C528EBA Datasheet HTML 21Page - NXP Semiconductors P83C528EBA Datasheet HTML 22Page - NXP Semiconductors P83C528EBA Datasheet HTML 23Page - NXP Semiconductors P83C528EBA Datasheet HTML 24Page - NXP Semiconductors P83C528EBA Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
1997 Dec 15
21
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
9.3
Addressing
The P83C528 has five modes for addressing:
• Register
• Direct
• Register-Indirect
• Immediate
• Base-Register plus Index-Register-Indirect.
The first three methods can be used for addressing
destination operands. Most instructions have a
'destination/source' field that specifies the data type,
addressing methods and operands involved. For
operations other than MOVs, the destination operand is
also a source operand.
Access to memory addresses is as follows:
• Register in one of the four 8-bit register banks through
Register, Direct or Register-Indirect addressing.
• 512 bytes of internal RAM through Direct or
Register-Indirect addressing. Bytes 0-127 of internal
RAM may be addressed directly/indirectly. Bytes
128-255 of internal RAM share their address location
with the SFRs and so may only be addressed indirectly
as data RAM. Bytes 0-255 of AUX-RAM can only be
addressed indirectly via MOVX.
• SFR through Direct addressing at address locations
128-255.
• External data memory through Register-Indirect
addressing.
• Program memory look-up tables through Base-Register
plus Index-Register-Indirect addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com