Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDS201 Datasheet(PDF) 8 Page - E+E Elektronik Ges.m.b.H

Part # CDS201
Description  Room Sensor for CO2, Temperature and Relative Humidity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

CDS201 Datasheet(HTML) 8 Page - E+E Elektronik Ges.m.b.H

  CDS201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Datasheet CDS201
v1.1 / Modification rights reserved | 8
Order Examples
CDS201-M12HV1A6MB2SBL23SBH140
Feature
Code
Description
Model
M12
CO2 + T + RH
CO2 measuring range
HV1
0...2 000 ppm
Output
A6
4 - 20 mA (3-wire)
Display
No code
Without display
Design
No code
EU format
Output 1 measurand
No code
CO2 scaling according to selected “CO2 measuring range”, 0...2 000 ppm in this case
Output 2 measurand
MB2
T [°F]
Output 2 scaling low
SBL23
23
Output 2 scaling high
SBH140
140
Output 3 measurand
No code
Relative humidity [%]
Output 3 scaling low
No code
0
Output 3 scaling high
No code
100
CDS201-M12HV2J3D1RG2P3BD7U2
Feature
Code
Description
Model
M12
CO2 + T + RH
CO2 measuring range
HV2
0...5 000 ppm
Output
J3
RS485
Display
D1
With display
Design
RG2
US format
Protocol
P3
BACnet MS/TP
Baud rate
BD7
38 400
Units
U2
Non-metric (US/GB)
Accessories
Description
Code
E+E Product Configuration Software
(Free download from www.epluse.com/pcs10)
PCS10
USB Configuration Adapter for CDS201 digital
HA011066
For further information see datasheet Accessories.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com