Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HUMLOG20 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # HUMLOG20
Description  Data Logger for Humidity, Temperature, Air Pressure and CO2
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HUMLOG20 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  HUMLOG20 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HUMLOG20 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HUMLOG20 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HUMLOG20 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HUMLOG20 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
99
Humlog 20
v2.7 / Modification rights reserved
www.epluse.com
With SmartGraph3 the gathering of measured data is simple and as
intuitive as possible:
• A Humlog 20 data logger is automatically recognized and added as
a “network device”.
• In addition to its data-readout function, the software possesses a
recording mode that enables parallel recording to be displayed on
the computer.
• The data from any desired number of Humlog 20 devices can be
read out simultaneously.
• The zoom function allows for quick analyses of critical time periods.
• The export of measured data in csv format enables further
processing in EXCEL.
• The device configuration can be printed out in order to check
installation parameters.
• Alarm limits - like the measured data - are chronologically managed
at various times so that when changes in alarm limits occur, they
can be retracted.
• Automatic data readout of all measured data is supported.
Humlog 20 Model M60 Configuration Examples
Software SmartGraph3
The HUMLOG20-M60 is equipped with a digital input, which allows the connection of up to four external humidity/
temperature sensors.
Two additional analogue inputs for sensors with voltage or current output, Pt100 temperature sensors in 3 and 4 wire
technology or Thermocouple J, K and S offer highest flexibility in the application.
Each fully equipped HUMLOG20-M60 is a 10 channel data logger that can record various data.
max. 150 m
Sensor 1
Sensor 2
Sensor 3
Sensor 4
2 x analogue input:
4...20 mA
0...20 mA
0...1 V
Pt100 3-wire
Pt100 4-wire
Thermocouple K,J,S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com