Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TES201 Datasheet(PDF) 4 Page - E+E Elektronik Ges.m.b.H

Part # TES201
Description  Room Sensor for Temperature
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

TES201 Datasheet(HTML) 4 Page - E+E Elektronik Ges.m.b.H

  TES201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H TES201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Datasheet TES201
v1.0 / Modification rights reserved | 4
Values in mm (inch)
Dimensions
Enclosure
EU format
Enclosure
US format
Optional display
Ø60
Ø2.36
4
0.16
30 / 1.18
5
0.20
85 (3.35)
23
(0.91)
40 (1.57)
Optional display
Ø60
Ø2.36
30
1.18
5
0.20
4
0.16
85 (3.35)
40 (1.57)
23
(0.91)
Measurands
Technical Data
Temperature (T)
Measuring range
-30...+60 °C (-22...+140 °F)
Accuracy1)
0- 10 V, RS485
4 - 20 mA
±0.25 °C (±0.14 °F)
±0.38 °C (±0.21 °F)
Temperature dependency of electronics, typ.
0.006 K/K
Factory calibration uncertainty2)
@ 23 °c (73 °F)
±0.1 °C (±0.056 °F)
1) Defined @ 23 °C (73 °F) against E+E calibration reference. With supply voltage 24 V DC, 0.2 m/s (39. 4 ft/min) medium flow and load resistor 250 Ω
for version with current output.
2) Defined with an enhancement factor k=2, corresponding to a confidence level of 95 %.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com