Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBE2000-R2-SE0-P Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OBE2000-R2-SE0-P
Description  Thru-beam sensor (pair)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBE2000-R2-SE0-P Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OBE2000-R2-SE0-P Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBE2000-R2-SE0-P Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBE2000-R2-SE0-P Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBE2000-R2-SE0-P Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBE2000-R2-SE0-P Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBE2000-R2-SE0-P Datasheet HTML 6Page - Pepperl+Fuchs Inc. OBE2000-R2-SE0-P Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristic Curve
X
1000
100
10
1
2
0
500
1000
1500
2000
2500
3000
Distance X [mm]
Relative received light strength Long Range Modus
Stability control
X
Distance X [mm]
Characteristic response curve High Precision Modus
Offset Y [mm]
0 10
60
110
160
210
260
310
3
2
1
0
-1
-2
-3
X
100
10
1
0.1
0
50
100
150
200
250
300
350
2
Distance X [mm]
Relative received light strength High Precision Modus
Stability control
Thru-beam sensor (pair)
OBE2000-R2-SE0-P
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com