Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA-SS3563 Datasheet(PDF) 2 Page - CUI Devices

Part # IA-SS3563
Description  AUDIO INLINE ADAPTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

IA-SS3563 Datasheet(HTML) 2 Page - CUI Devices

  IA-SS3563 Datasheet HTML 1Page - CUI Devices IA-SS3563 Datasheet HTML 2Page - CUI Devices IA-SS3563 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI Devices
│ MODEL: IA-SS3563 │ DESCRIPTION: AUDIO INLINE ADAPTER
date 10/18/2019
│ page 2 of 3
cuidevices.com
units: mm
tolerance:
X≤1.0: ±0.1 mm
1.0<X≤6.0: ±0.2 mm
6.0<X≤12.0: ±0.3 mm
12.0<X≤25.0: ±0.4 mm
X>25.0: ±0.5 mm
unless otherwise noted
MECHANICAL DRAWING
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
plug tip
brass
nickel
2
insulator
ABS (UL94HB)
black
3
plug ring
brass
nickel
4
plug sleeve
brass
nickel
5
cover
PVC
black
6
receptacle sleeve brass
nickel
7
insulator
bakelite
8
receptacle tip
phosphor bronze
9
insulator
PE
natural
10
receptacle ring
phosphor bronze
Ø3.5 Stereo Plug
Ø6.3 Stereo Receptacle
Schematic
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com