Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA-SS6335 Datasheet(PDF) 1 Page - CUI Devices

Part # IA-SS6335
Description  AUDIO INLINE ADAPTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

IA-SS6335 Datasheet(HTML) 1 Page - CUI Devices

  IA-SS6335 Datasheet HTML 1Page - CUI Devices IA-SS6335 Datasheet HTML 2Page - CUI Devices IA-SS6335 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 10/18/2019
page 1 of 3
MODEL: IA-SS6335
│ DESCRIPTION: AUDIO INLINE ADAPTER
cuidevices.com
FEATURES
• 3.5 mm stereo to 6.3 mm stereo
• hexagonal cover
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1
A
contact resistance
between plug and jack
1
insulation resistance
at 300 Vdc
2
MΩ
insertion force
when mating with a standard jack
0.4
4
kgf
withdrawal force
when mating with a standard jack
0.4
4
kgf
operating temperature
-25
70
°C
operating humidity
85
%
life
5,000
cycles
flammability rating
see material table
RoHS
yes
Additional Resources: Product Page | 3D Model


Similar Part No. - IA-SS6335

ManufacturerPart #DatasheetDescription
logo
CUI INC
IA-SS6335 CUI-IA-SS6335 Datasheet
297Kb / 3P
AUDIO INLINE ADAPTER
More results

Similar Description - IA-SS6335

ManufacturerPart #DatasheetDescription
logo
CUI INC
IA-MS2535 CUI-IA-MS2535 Datasheet
316Kb / 3P
AUDIO INLINE ADAPTER
IA-MS6335 CUI-IA-MS6335 Datasheet
282Kb / 3P
AUDIO INLINE ADAPTER
IA-S2S3535 CUI-IA-S2S3535 Datasheet
326Kb / 3P
AUDIO INLINE ADAPTER
IA-MM2535 CUI-IA-MM2535 Datasheet
317Kb / 3P
AUDIO INLINE ADAPTER
logo
CUI Devices
IA-MM2535 CUID-IA-MM2535 Datasheet
306Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-MM6335B CUID-IA-MM6335B Datasheet
296Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-MS2535 CUID-IA-MS2535 Datasheet
310Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-MS3535 CUID-IA-MS3535 Datasheet
305Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-MS6335B CUID-IA-MS6335B Datasheet
317Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-S2S3535 CUID-IA-S2S3535 Datasheet
311Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com