Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ-3502 Datasheet(PDF) 2 Page - CUI Devices

Part # MJ-3502
Description  AUDIO JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MJ-3502 Datasheet(HTML) 2 Page - CUI Devices

  MJ-3502 Datasheet HTML 1Page - CUI Devices MJ-3502 Datasheet HTML 2Page - CUI Devices MJ-3502 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cuidevices.com
CUI Devices
│ MODEL: MJ-3502 │ DESCRIPTION: AUDIO JACK
date 04/01/2020
│ page 2 of 3
MECHANICAL DRAWING
units: mm[inch]
tolerance: ±0.3 mm
Model No.
MJ-3502
Schematic
PIN
1
sleeve
2
tip
3
tip switch
1.20.047
6.60.260
12.30.484
6.60.260
12.30.484
1.2 0.047
6.90.272
0.148
3.75
4.50.177
M6X0.5
4.0 0.157
0.531
13.5
0.197
5.0
7.0 0.276
7.5
0.445
0.295
0.047
(3 PLCS)
1.2
11.3
(TYP)
2.00.079
3.6 0.142
3
12
3
1.2X2.5
(3 PLCS)
12
M6X0.5
8.0 0.315]
0.8 0.031
0.059
1.5
0.60.024
+0.2
-0.1
[
1
2
14
1
2
3
Ø3.5 MATING PLUG
MATERIAL
PLATING
terminal 1
brass
silver
terminal 2
phosphor bronze silver
terminal 3
brass
silver
barrel
brass
nickel
housing
POM (UL94V-0)
black
cover
PC (UL94V-2)
transparent
nut
brass
nickel
Recommended PCB Layout
Top View
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com