Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBZC0130R-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACDBZC0130R-HF
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBZC0130R-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACDBZC0130R-HF Datasheet HTML 1Page - Comchip Technology ACDBZC0130R-HF Datasheet HTML 2Page - Comchip Technology ACDBZC0130R-HF Datasheet HTML 3Page - Comchip Technology ACDBZC0130R-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACDBZC0130R-HF
Page 1
REV:A
Comchip Technology CO., LTD.
RoHS Device
Halogen Free
Company reserves the right to improve product design , functions and reliability without notice.
0.026(0.67)
0.022(0.57)
0201/DFN0603
Dimensions in inches and (millimeter)
0.015(0.37)
0.011(0.27)
0.013(0.340)
0.011(0.275)
0.002(0.06)
REF.
0.017(0.435)
0.014(0.365)
0.002(0.04)
REF.
0.011(0.275)
0.008(0.205)
0.007(0.175)
0.004(0.105)
0.007(0.175)
0.004(0.105)
Maximum Rating (at TA=25°C unless otherwise noted)
Parameter
Conditions
Symbol
Electrical Characteristics (at TA=25°C unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Min
Typ
Max
Unit
Small Signal Schottky Diodes
Io = 100 mA
VR = 30 V
Circuit Diagram
Mechanical data
- Case: 0201/DFN0603 package,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
- Mounting position: Any.
- Weight: 0.0004 grams (approx.).
- Polarity: Color band denotes cathode end.
Features
- Ultra small mold type.
- Low reverse current.
- AEC-Q101 Qualified.
Reverse voltage
Average rectified forward current
Storage temperature range
Operating temperature range
8.3ms single half sine-wave superimposed
on rate load (JEDEC method)
Forward current, surge peak
(60Hz * 1cycle)
Reverse current
Forward voltage
VR = 10V
IF = 10mA
IR
VF
0.46
0.30
VR
IO
IFSM
TSTG
TJ
-40
-40
-150
-150
500
100
30
AQW-G1006
- Low forward voltage.
V
mA
mA
°C
°C
V
µA


Similar Part No. - ACDBZC0130R-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBZC0130L-HF COMCHIP-ACDBZC0130L-HF Datasheet
469Kb / 4P
Small Signal Schottky Diodes
REV:A
More results

Similar Description - ACDBZC0130R-HF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com