Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDSZC01100-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACDSZC01100-HF
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDSZC01100-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACDSZC01100-HF Datasheet HTML 1Page - Comchip Technology ACDSZC01100-HF Datasheet HTML 2Page - Comchip Technology ACDSZC01100-HF Datasheet HTML 3Page - Comchip Technology ACDSZC01100-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at TA=25°C unless otherwise noted)
SMD Switching Diode
0
30
10
Reverse Voltage, VR (V)
0.20
Ambient Temperature, (°C)
Fig.4 - Power Derating Curve
25
100
75
50
125
150
0
40
20
0
0.40
0.60
0.80
f = 1 MHz
Ta = 25°C
Reverse Voltage, VR (V)
Fig.2 - Reverse Characteristics
TA=150°C
TA=125°C
TA=100°C
TA=75°C
TA=25°C
Fig.1 - Forward Characteristics
Forward Voltage, VF (V)
TA=25°C
TA=50°C
TA=75°C
TA=150°C
TA=125°C
TA=100°C
0.10
0.30
0.50
0.70
50
100
150
200
0
1.00
0.10
µA
0.35
0.3
Capacitance between terminals
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Reverse current
VR = 30V
VR = 80V
f = 1MHz, and 0 VDC reverse voltage
IR
0.5
4
µA
pF
nS
CT
Forward voltage
IF = 1mA
VF
0.61
IF = 10mA
IF = 100mA
0.75
0.93
1.2
V
V
V
IF = IR = 10mA, RL = 100 ohms
Irr = 1mA
Reverse recovery time
TRR
3
Rating and Typical Characteristic Curves (ACDSZC01100-HF)
250
Page 2
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
AQW-G0002
REV:A
Fig.3 - Capacitance Between
Terminals Characteristics
0
20
40
60
80
0.001
0.01
0.10
1.00
10
100
10.0
100
0
0.2
0.4
0.6
1.0
0.8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com