Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDQC5V0ESPC-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDQC5V0ESPC-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDQC5V0ESPC-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDQC5V0ESPC-HF Datasheet HTML 1Page - Comchip Technology ACPDQC5V0ESPC-HF Datasheet HTML 2Page - Comchip Technology ACPDQC5V0ESPC-HF Datasheet HTML 3Page - Comchip Technology ACPDQC5V0ESPC-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACPDQC5V0ESPC-HF
RoHS Device
Halogen Free
Circuit Diagram
Mechanical data
- Case: 0402C/SOD-923F standard package,
molded plastic.
- Mounting position: Any.
- Weight: 0.001 grams (approx.).
- Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
SMD ESD Protection Diode
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Breakdown voltage
VBR
V
IT = 1mA
7
Reverse leakage current
IR
nA
VRWM = 5V
50
Clamping voltage
VC
V
IPP = 1A, TP = 8/20µs
IPP = 4A, TP = 8/20µs
V
Working peak reverse voltage
VRWM
5
Dynamic resistance
RDYN
9
1.3
<1
13
20
Clamping voltage
VCL
V
IPP = 8A, TP = 100ns
IPP = 16A, TP = 100ns
25
35
Junction capacitance
CJ
pF
VR = 0V, f = 1MHz
0.35
0.28
15
25
High-Reliability and High-Performance
Features
- Bi-directional ESD protection.
- Surface mount package.
- Ultra small SMD package:0402C
- High component density.
- Low clamping voltage.
- Low leakage.
- IEC 61000-4-2 ESD protection up to ±25kV(Contact).
- Ultra-Low capacitance: 0.28 pF(typ.)
- AEC-Q101 Qualified.
Dimensions in inches and (millimeter)
0402C/SOD-923F
0.022(0.55)
0.018(0.45)
0.001(0.02)
Max.
0.041(1.05)
0.037(0.95)
0.026(0.65)
BSC.
0.012(0.30)
0.008(0.20)
0.022(0.55)
0.018(0.45)
0.026(0.65)
0.022(0.55)
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
Peak pulse power
PPP
W
100
Operating temperature range
Tj
°C
Storage temperature range
TSTG
-55~+150
°C
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
ESD capability
-40~+125
Peak pulse current
IPP
A
TP = 8/20µs
4
TP = 8/20µs
±25
Comchip Technology CO., LTD.
AQW-G7017
Page 1
REV:C


Similar Part No. - ACPDQC5V0ESPC-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDQC5V0-HF COMCHIP-ACPDQC5V0-HF Datasheet
109Kb / 4P
SMD ESD Protection Diode
ACPDQC5V0A-HF COMCHIP-ACPDQC5V0A-HF Datasheet
480Kb / 4P
SMD ESD Protection Diode
REV:B
ACPDQC5V0AU-HF COMCHIP-ACPDQC5V0AU-HF Datasheet
490Kb / 4P
SMD ESD Protection Diode
REV:B
ACPDQC5V0C-HF COMCHIP-ACPDQC5V0C-HF Datasheet
102Kb / 4P
SMD ESD Protection Diode
ACPDQC5V0CHT-HF COMCHIP-ACPDQC5V0CHT-HF Datasheet
472Kb / 4P
SMD ESD Protection Diode
REV:B
More results

Similar Description - ACPDQC5V0ESPC-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com