Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDQC5V0HA-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDQC5V0HA-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDQC5V0HA-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDQC5V0HA-HF Datasheet HTML 1Page - Comchip Technology ACPDQC5V0HA-HF Datasheet HTML 2Page - Comchip Technology ACPDQC5V0HA-HF Datasheet HTML 3Page - Comchip Technology ACPDQC5V0HA-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACPDQC5V0HA-HF
Comchip Technology CO., LTD.
RoHS Device
Halogen Free
Features
- Ultra small SMD package:0402C.
- IEC 61000-4-2 Level 4 ESD protection.
- Bi-directional ESD protection.
Circuit Diagram
SMD ESD Protection Diode
High-Reliability and High-Performance
- Low leakage current.
- Low clamping voltage.
Dimensions in inches and (millimeter)
0402C/SOD-923F
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.001(0.02)
Max.
0.022(0.55)
0.018(0.45)
0.026(0.65)
BSC.
0.012(0.30)
0.008(0.20)
Mechanical data
- Case: 0402C/SOD-923F standard package,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
- Mounting position: Any.
- Weight: 0.001 grams (approx.).
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
PPP
W
Tj
°C
TSTG
°C
kV
IPP
A
ESD
8
88
±30
-55 to +125
-55 to +150
TP = 8/20µs
TP = 8/20µs
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
Peak pulse power
Peak pulse current
ESD capability
Junction temperature range
Storage temperature range
Electrical Characteristics (at TA=25°C unless otherwise noted)
Typ
Min
Max
Unit
V
µA
V
V
pF
Reverse stand-off voltage
Reverse breakdown voltage
5
5.8
0.5
7
11
9
22
17
IT = 1mA
VRWM = 5V
VR = 0V, f = 1MHz
IPP = 1A, TP = 8/20µs
IPP = 8A, TP = 8/20µs
Reverse leakage current
Clamping voltage
Junction capacitance
Parameter
Conditions
Symbol
VRWM
VBR
VC
VC
IR
CJ
9
- AEC-Q101 Qualified.
REV:B
Page 1
AQW-G7054


Similar Part No. - ACPDQC5V0HA-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDQC5V0HE-HF COMCHIP-ACPDQC5V0HE-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
More results

Similar Description - ACPDQC5V0HA-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com