Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDQC5V0SC-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDQC5V0SC-HF
Description  Low Capacitance ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDQC5V0SC-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDQC5V0SC-HF Datasheet HTML 1Page - Comchip Technology ACPDQC5V0SC-HF Datasheet HTML 2Page - Comchip Technology ACPDQC5V0SC-HF Datasheet HTML 3Page - Comchip Technology ACPDQC5V0SC-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5.6
Low Capacitance ESD Protection Diode
RoHS Device
Halogen Free
Mechanical data
- Case: 0402C/SOD-923F small outline plastic package.
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
- Mounting position: Any.
- Weight: 0.001 grams (approx.).
- High temperature soldering guaranteed:
260°C/10 second.
Circuit Diagram
Dimensions in inches and (millimeter)
0402C/SOD-923F
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.001(0.02)
Max.
0.026(0.65)
BSC.
0.018(0.45)
0.022(0.55)
0.012(0.30)
0.008(0.20)
Maximum Rating ( at TA=25°C unless otherwise noted )
nA
V
5
IR
VRWM
Reverse leakage current
Reverse stand-off voltage
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
VR = 5V
Electrical Characteristics ( at TA=25°C unless otherwise noted )
Reverse breakdown voltage
IR = 1mA
V(BR)
Clamping voltage
IPP = 1A
VC
V
18
Junction capacitance
CJ
0.4
pF
100
15
V
IPP = 2A
V
VR = 0V , f = 1MHz
13
0.2
kV
W
36
PPP
°C
-55 to +150
-55 to +150
TJ
Operating temperature range
ESD per IEC 61000-4-2(Air)
Peak pulse power (tp = 8/20µs waveform)
Parameter
Symbol
Value
Unit
ESD per IEC 61000-4-2(Contact)
Storage temperature range
TSTG
±8
°C
±15
VESD
VC
ACPDQC5V0SC-HF
Features
- Working Voltage: 5V
- Typical capacitance: 0.2pF
- IEC61000-4-2 Level 4 ESD protection.
- Bi-directional ESD protection.
- AEC-Q101 Qualified.
High-Reliability and High-Performance
Comchip Technology CO., LTD.
REV:B
Page 1
AQW-G7031


Similar Part No. - ACPDQC5V0SC-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDQC5V0SPC-HF COMCHIP-ACPDQC5V0SPC-HF Datasheet
472Kb / 4P
SMD ESD Protection Diode
REV:B
More results

Similar Description - ACPDQC5V0SC-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
CPDU5V0USP-HF COMCHIP-CPDU5V0USP-HF Datasheet
336Kb / 4P
Low Capacitance ESD Protection Diode
CPDQR5V0SP-HF COMCHIP-CPDQR5V0SP-HF Datasheet
77Kb / 4P
Low Capacitance ESD Protection Diode
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
CPDU5V0USP-HF COMCHIP-CPDU5V0USP-HF Datasheet
336Kb / 4P
Low Capacitance ESD Protection Diode
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF_15 Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
CPDU5V0USP-HF COMCHIP-CPDU5V0USP-HF_15 Datasheet
336Kb / 4P
Low Capacitance ESD Protection Diode
CPDQC5V0CSP-HF COMCHIP-CPDQC5V0CSP-HF Datasheet
105Kb / 4P
Low Capacitance ESD Protection Diode
logo
Yea Shin Technology Co....
YSESDU5V0SP-04C YEASHIN-YSESDU5V0SP-04C Datasheet
730Kb / 4P
Low Capacitance ESD Protection Diode
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com