Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYL1620 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBYL1620
Description  Rectifier diodes Schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYL1620 Datasheet(HTML) 1 Page - NXP Semiconductors

  PBYL1620 Datasheet HTML 1Page - NXP Semiconductors PBYL1620 Datasheet HTML 2Page - NXP Semiconductors PBYL1620 Datasheet HTML 3Page - NXP Semiconductors PBYL1620 Datasheet HTML 4Page - NXP Semiconductors PBYL1620 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYL1625 series
Schottky barrier
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
• Fast switching
V
R = 20 V/ 25 V
• Reverse surge capability
• High thermal cycling performance
I
F(AV) = 16 A
• Low thermal resistance
V
F ≤ 0.46 V
GENERAL DESCRIPTION
PINNING
SOD59 (TO220AC)
Schottky rectifier diodes intended
PIN
DESCRIPTION
for use as output rectifiers in low
voltage, high frequency switched
1
cathode
mode power supplies.
2
anode
The PBYL1625 series is supplied in
the
SOD59
(TO220AC)
tab
cathode
conventional leaded package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
PBYL16
20
25
V
RRM
Peak repetitive reverse
-
20
25
V
voltage
V
RWM
Working peak reverse
-
20
25
V
voltage
V
R
Continuous reverse voltage
T
mb ≤ 120 ˚C
-
20
25
V
I
F(AV)
Average rectified forward
square wave;
δ = 0.5; T
mb ≤ 131 ˚C
-
16
A
current
I
FRM
Repetitive peak forward
square wave;
δ = 0.5; T
mb ≤ 131 ˚C
-
32
A
current
I
FSM
Non-repetitive peak forward
t = 10 ms
-
135
A
current
t = 8.3 ms
-
150
A
sinusoidal; T
j = 125 ˚C prior to
surge; with reapplied V
RRM(max)
I
RRM
Peak repetitive reverse
pulse width and repetition rate
-
1
A
surge current
limited by T
j max
T
j
Operating junction
-
150
˚C
temperature
T
stg
Storage temperature
- 65
175
˚C
k
a
12
1
tab
2
March 1998
1
Rev 1.000


Similar Part No. - PBYL1620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBYL1620B PHILIPS-PBYL1620B Datasheet
47Kb / 5P
Rectifier diodes Schottky barrier
October 1998 Rev 1.100
More results

Similar Description - PBYL1620

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com