Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBR1000-R3-E0-P Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBR1000-R3-E0-P
Description  Retroreflective sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBR1000-R3-E0-P Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBR1000-R3-E0-P Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBR1000-R3-E0-P Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBR1000-R3-E0-P Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBR1000-R3-E0-P Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Retroreflective sensor
OBR1000-R3-E0-P
< 45° cable outlet for maximum mounting freedom under extremely
tight space constraints
< Integrated polarization filter allows the detection of reflective
objects
< Extremely long detection range paves the way for new
applications
Retroreflective sensor for standard applications, miniature design, polarization filter, 1000 mm detection
range, red light, dark on, NPN output, 2 m fixed cable
Function
The nano sensor has been developed for a broad range of applications. It offers excellent durability and is exceptionally easy to install. The
housing is compact and, with its 45° cable outlet, can be installed in the smallest spaces. New functional principles and functionality open up a
range of new options.
Dimensions
13.8
ø2.
6
3.75
3.2
10.8
Receiver 2
Receiver 1
Emitter
Technical Data
General specifications
Effective detection range
0 ... 1 m
Reflector distance
40 ... 1000 mm
Threshold detection range
1.4 m
Reference target
H40 reflector
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - OBR1000-R3-E0-P

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBR1000-R3-E0 PF-OBR1000-R3-E0 Datasheet
339Kb / 3P
Retroreflective sensor with polarization filter
More results

Similar Description - OBR1000-R3-E0-P

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
RLK29-55-5060 PF-RLK29-55-5060 Datasheet
1Mb / 6P
Retroreflective sensor
OBG4000-R103-2EP-IO PF-OBG4000-R103-2EP-IO Datasheet
382Kb / 4P
Retroreflective sensor
OBG5000-R100-EP-IO-V3 PF-OBG5000-R100-EP-IO-V3 Datasheet
417Kb / 4P
Retroreflective sensor
OBG5000-R101-2EP1-IO PF-OBG5000-R101-2EP1-IO Datasheet
414Kb / 4P
Retroreflective sensor
OBG5000-R101-2EP1-IO-V31 PF-OBG5000-R101-2EP1-IO-V31 Datasheet
445Kb / 4P
Retroreflective sensor
OBG5000-R101-2EP-IO PF-OBG5000-R101-2EP-IO Datasheet
414Kb / 4P
Retroreflective sensor
OBG5000-R101-2P1-IO-V31 PF-OBG5000-R101-2P1-IO-V31 Datasheet
381Kb / 3P
Retroreflective sensor
OBR10M-R101-2EP-IO-1R-IR PF-OBR10M-R101-2EP-IO-1R-IR Datasheet
1Mb / 6P
Retroreflective sensor
OBG8000-R201-2EP-IO-V15 PF-OBG8000-R201-2EP-IO-V15 Datasheet
437Kb / 4P
Retroreflective sensor
ML100-55-8032 PF-ML100-55-8032 Datasheet
982Kb / 5P
Retroreflective sensor
2023-03-28
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com