Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBR2000-R2-E2-P-L Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OBR2000-R2-E2-P-L
Description  Retroreflective sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBR2000-R2-E2-P-L Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OBR2000-R2-E2-P-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBR2000-R2-E2-P-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBR2000-R2-E2-P-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBR2000-R2-E2-P-L Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Safety Information
Safety Information
Laser Class 1 Information
The irradiation can lead to irritation especially in a dark environment. Do not point at people!
Maintenance and repairs should only be carried out by authorized service personnel!
Attach the device so that the warning is clearly visible and readable.
The warning accompanies the device and should be attached in immediate proximity to the device.
Caution – Use of controls or adjustments or performance of procedures other than those specified herein may result in hazardous radiation
exposure.
Accessories
MH-R2-01
Mounting aid for R2 series, Mounting bracket
MH-R2-02
Mounting aid for R2 series, Mounting bracket
MH-R2-03
Mounting aid for R2 series, Mounting bracket
MH-R2-04
Mounting aid for R2 series, Mounting bracket
REF-H40
Reflector, rectangular 47.5 mm x 23.5 mm, mounting holes, fixing strap
REF-H23
Reflector with mounting holes
REF-MH20
Reflector with Micro-structure, rectangular 32 mm x 20 mm, mounting holes
REF-MH23
Reflector with Micro-structure, rectangular 23 mm x 13.8 mm, diagonal mounting hole
Retroreflective sensor
OBR2000-R2-E2-P-L
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com