Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDQC8V0HT-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDQC8V0HT-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDQC8V0HT-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDQC8V0HT-HF Datasheet HTML 1Page - Comchip Technology ACPDQC8V0HT-HF Datasheet HTML 2Page - Comchip Technology ACPDQC8V0HT-HF Datasheet HTML 3Page - Comchip Technology ACPDQC8V0HT-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACPDQC8V0HT-HF
Comchip Technology CO., LTD.
RoHS Device
Halogen Free
Features
- Ultra small SMD package:0402C.
- IEC 61000-4-2 Level 4 ESD protection.
- Bi-directional ESD protection.
Circuit Diagram
SMD ESD Protection Diode
High-Reliability and High-Performance
- Low leakage current.
- Low clamping voltage.
Dimensions in inches and (millimeter)
0402C/SOD-923F
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.001(0.02)
Max.
0.022(0.55)
0.018(0.45)
0.026(0.65)
BSC.
0.012(0.30)
0.008(0.20)
Mechanical data
- Case: 0402C/SOD-923F standard package,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
- Mounting position: Any.
- Weight: 0.001 grams (approx.).
Electrical Characteristics (at TA=25°C unless otherwise noted)
Typ
Min
Max
Unit
V
µA
V
V
pF
Reverse stand-off voltage
Reverse breakdown voltage
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
PPP
W
Tj
°C
TSTG
°C
kV
IPP
A
ESD
17
306
±30
-55 to +125
-55 to +150
8
8.2
1.0
0.05
13
10
18
14
30
20
IT = 1mA
VRWM = 8V
VR = 0V, f = 1MHz
IPP = 5A, TP = 8/20µs
IPP = 17A, TP = 8/20µs
TP = 8/20µs
TP = 8/20µs
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
Peak pulse power
Peak pulse current
ESD capability
Junction temperature range
Storage temperature range
Reverse leakage current
Clamping voltage
Junction capacitance
Parameter
Conditions
Symbol
VRWM
VBR
VC
VC
IR
CJ
REV:A
Page 1
AQW-G7062
- AEC-Q101 Qualified.


Similar Part No. - ACPDQC8V0HT-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDQC8V0UHT-HF COMCHIP-ACPDQC8V0UHT-HF Datasheet
519Kb / 4P
SMD ESD Protection Diode
REV:A
More results

Similar Description - ACPDQC8V0HT-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com