Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDUC5V0USP-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACPDUC5V0USP-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDUC5V0USP-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACPDUC5V0USP-HF Datasheet HTML 1Page - Comchip Technology ACPDUC5V0USP-HF Datasheet HTML 2Page - Comchip Technology ACPDUC5V0USP-HF Datasheet HTML 3Page - Comchip Technology ACPDUC5V0USP-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (ACPDUC5V0USP-HF)
Page 2
AQW-G7013
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Fig.4 - Forward Voltage Vs.
Forward Current
Forward Voltage, (V)
Ambient Temperature, (°C)
Mounting on glass epoxy PCBs
0
20
40
60
80
100
120
25
50
75
100
150
0
125
Fig.2 - Power Rating Derating Curve
0.5
0
100
1
10
0.7
0.9
1.2
0.8
1.0
0.2
0.8
1.0
0
1
2
3
4
Reverse Voltage, (V)
Fig.5 - Capacitance Between
Terminals Characteristics
25°C
50°C
75°C
100°C
150°C
125°C
0.6
1.1
5
0.6
0.4
Peak Pulse Current, IPP (A)
0
15
20
2.0
1.0
5
3.0
30
Fig.3 - Clamping Voltage Vs.
Peak Pulse Current
10
25
Waveform Acc. IEC 61000-4-5
Fig.1 - 8/20µs Peak Pulse Current
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
Ta=25°C
Peak Value Ipp
Test Waveform
parameters
tf=8µs
td=20µs
e-t
td= t Ipp/2
Time, (µs)
REV:B
SMD ESD Protection Diode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com